Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 201Page - Renesas Technology Corp 7540 Datasheet HTML 202Page - Renesas Technology Corp 7540 Datasheet HTML 203Page - Renesas Technology Corp 7540 Datasheet HTML 204Page - Renesas Technology Corp 7540 Datasheet HTML 205Page - Renesas Technology Corp 7540 Datasheet HTML 206Page - Renesas Technology Corp 7540 Datasheet HTML 207Page - Renesas Technology Corp 7540 Datasheet HTML 208Page - Renesas Technology Corp 7540 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 366 page
background image
2-129
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.8 A/D converter
2.8 A/D converter
This paragraph explains the registers setting method and the notes relevant to the A/D converter.
2.8.1 Memory map
Fig. 2.8.1 Memory map of registers relevant to A/D converter
2.8.2 Relevant registers
Fig. 2.8.2 Structure of A/D control register
003416
003516
003616
003D16
A/D control register (ADCON)
A/D conversion register (low-order) (ADL)
A/D conversion register (high-order) (ADH)
Interrupt request register 2 (IREQ2)
003F16
Interrupt control register 2 (ICON2)
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
1
0
0
A/D control register (ADCON) [Address : 3416]
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is “0”.
✕
A/D control register
0
Note: These can be used only for the 36-pin package versions.
0 0 0 : P20/AN0
0 0 1 : P21/AN1
0 1 0 : P22/AN2
0 1 1 : P23/AN3
1 0 0 : P24/AN4
1 0 1 : P25/AN5
1 1 0 : P26/AN6
(Note)
1 1 1 : P27/AN7
(Note)
Analog input pin selection bits b2 b1 b0
0
0
AD conversion completion bit
0 : Conversion in progress
1 : Conversion completed
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
0
✕
✕
✕
✽: This bit can be cleared to “0” by program, but cannot be set to “1”.
✽



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com