Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 198Page - Renesas Technology Corp 7540 Datasheet HTML 199Page - Renesas Technology Corp 7540 Datasheet HTML 200Page - Renesas Technology Corp 7540 Datasheet HTML 201Page - Renesas Technology Corp 7540 Datasheet HTML 202Page - Renesas Technology Corp 7540 Datasheet HTML 203Page - Renesas Technology Corp 7540 Datasheet HTML 204Page - Renesas Technology Corp 7540 Datasheet HTML 205Page - Renesas Technology Corp 7540 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 366 page
background image
2-126
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.7 Serial I/O2
Fig. 2.7.11 Control procedure of transmission side
0 11
Y
N
RESET
10
1
INT0 falling edge active
0
SIO2(Address 3116)
Y
N
Y
N
Set port P12 to the output mode.
Set “0” to the serial I/O2 interrupt request bit.
SIO2CON(Address 3016)
Synchronous clock: f(XIN)/64
SDATA2 pin: SDATA2 output
LSB first
SCLK2 pin: Internal clock
Set serial I/O2 control register
INT0 falling edge input?
Initialization
SEI
CLD
CLT
INTEDGE(Address 3A16)
Set INT0 interrupt active edge
Write the first-byte transmission data to
the serial I/O2 register
Transmit shift has completed?
(checked by serial I/O2 interrupt
request bit)
Set port P13 to the output mode. (Note)
SIO2(Address 3116)
Set “0” to the serial I/O2 interrupt request bit.
Write the second-byte transmission data to
the serial I/O2 register
Transmit shift has completed?
(checked by serial I/O2 interrupt
request bit)
Note: When direction register of P13/SDATA2 pin is set to the input mode and
the internal clock is selected, the SDATA2 pin is in a high impedance
state after the data transfer is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com