Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 200Page - Renesas Technology Corp 7540 Datasheet HTML 201Page - Renesas Technology Corp 7540 Datasheet HTML 202Page - Renesas Technology Corp 7540 Datasheet HTML 203Page - Renesas Technology Corp 7540 Datasheet HTML 204Page - Renesas Technology Corp 7540 Datasheet HTML 205Page - Renesas Technology Corp 7540 Datasheet HTML 206Page - Renesas Technology Corp 7540 Datasheet HTML 207Page - Renesas Technology Corp 7540 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 366 page
background image
2-128
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.7 Serial I/O2
2.7.4 Notes on serial I/O2
Notes on using serial I/O2 are described below.
(1) Note on serial I/O1
Serial I/O2 can be used only when serial I/O1 is not used or serial I/O1 is used as UART and the
BRG output divided by 16 is selected as the synchronous clock.
(2) Note on SCLK2 pin
When an external clock is selected, set “0” to bit 2 of the port P1 direction register (input mode).
(3) Note on SDATA2 pin
When P13/SRDY1/SDATA2 pin is used as the SDATA input, set “0” to bit 3 of the port P1 direction register
(input mode).
When the internal clock is selected as the transfer and P13/SDATA2 pin is set to the input mode, the
SDATA2 pin is in a high-impedance state after the data transfer is completed.
(4) Notes on serial I/O2 transmit/receive shift completion flag
➀ The transmit/receive shift completion flag of the serial I/O2 control register is “1” after transmit/
receive shift is completed. In order to set “0” to this flag, set data (dummy data at receive) to the
serial I/O2 register by program.
➁ Bit 7 (transmit/receive shift completion flag) of the serial I/O2 control register is set earlier than
the completion of the actual shift operation for a half cycle of shift clock. Accordingly, when the
shift completion is checked by using this bit, read/write the serial I/O2 register after a half or more
cycle of clock from the setting “1” to this bit is checked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com