Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 197Page - Renesas Technology Corp 7540 Datasheet HTML 198Page - Renesas Technology Corp 7540 Datasheet HTML 199Page - Renesas Technology Corp 7540 Datasheet HTML 200Page - Renesas Technology Corp 7540 Datasheet HTML 201Page - Renesas Technology Corp 7540 Datasheet HTML 202Page - Renesas Technology Corp 7540 Datasheet HTML 203Page - Renesas Technology Corp 7540 Datasheet HTML 204Page - Renesas Technology Corp 7540 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 366 page
background image
2-125
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.7 Serial I/O2
(2) Communication using serial I/O2 (transmit/receive)
Outline: 2-byte data is transmitted and received, using the serial I/O2. Port P00 is used for communication
control and outputs the quasi-SRDY signal.
Specifications: • The serial I/O2, clock synchronous serial I/O, is used.
• Synchronous clock frequency : 125 kHz; f(XIN) = 8 MHz divided by 64
• Transfer direction : LSB first
• The receiver outputs the quasi-SRDY signal at 2 ms intervals which the timer generates,
and 2-byte data is transferred from the transmitter to the receiver.
Figure 2.7.9 shows a connection diagram, Figure 2.7.10 shows a timing chart, Figure 2.7.11 shows
the control procedure of transmitter, and Figure 2.7.12 shows an example of control procedure of
receiver.
Fig. 2.7.9 Connection diagram
Fig. 2.7.10 Timing chart
Transmitter
P37/INT0
SCLK
SDATA
7540 Group
P00
SCLK
SDATA
7540 Group
Receiver
Quasi-SRDY
SCLK
SDATA
D0
D1 D2 D3
D4 D5 D6
D7
D0 D1 D2
D3 D4 D5
D6
D7
D0 D1
2 ms
.....
.....
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com