Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 195Page - Renesas Technology Corp 7540 Datasheet HTML 196Page - Renesas Technology Corp 7540 Datasheet HTML 197Page - Renesas Technology Corp 7540 Datasheet HTML 198Page - Renesas Technology Corp 7540 Datasheet HTML 199Page - Renesas Technology Corp 7540 Datasheet HTML 200Page - Renesas Technology Corp 7540 Datasheet HTML 201Page - Renesas Technology Corp 7540 Datasheet HTML 202Page - Renesas Technology Corp 7540 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 366 page
background image
2-123
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.7 Serial I/O2
Fig. 2.7.7 Setting method for serial I/O2
2.7.3 Application example of serial I/O2
(1) Serial I/O2 setting method
Figure 2.7.7 and Figure 2.7.8 show the setting method for the serial I/O2.
b7b0
b7
b0
0
b7b0
0
Port P1 direction register (P1D) [Address 0316]
b7b0
P12/SCLK2 pin (Note 1)
P13/SDATA2 pin (Notes 2, 3)
Interrupt control register 2 (ICON2) [Address 3F16]
Serial I/O2 interrupt disabled
Internal synchronous clock selected (set in internal clock selected)
b2b1b0
0 0 0: f(XIN)/8
0 0 1: f(XIN)/16
0 1 0: f(XIN)/32
0 1 1: f(XIN)/64
1 1 0: f(XIN)/128
1 1 1: f(XIN)/256
SDATA2 pin selected
0: I/O port/SDATA2 input (at receive)
1: SDATA2 output (at transmit)
Transfer direction selected
0: LSB first
1: MSB first
SCLK2 pin selected
0: External clock (SCLK2 is input)
1: Internal clock (SCLK2 is outpu)
Serial I/O2 control register (SIO2CON) [Address 3016]
Process 3: Set serial I/O2 control register.
Process 1: Disable serial I/O2 transmit/receive interrupt.
Process 4: In order not to execute the no requested interrupt processing, set “0” (no requested)
to the serial I/O2 interrupt request bit.
Interrupt request register 2 (IREQ2) [Address 3D16]
No serial I/O2 interrupt request issued
Notes 1: When an external clock input is selected, set P12/SCLK2 pin to the input mode.
2: When P13/SDATA2 pin is used as the P13 pin, set this bit to “0”.
3: When this bit is set to “0” at transmit and the internal clock is selected for SCLK2,
the SDATA2 pin is in a high impedance state after the data transfer is completed.
Process 2: Set port P1 according to the usage condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com