Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 191Page - Renesas Technology Corp 7540 Datasheet HTML 192Page - Renesas Technology Corp 7540 Datasheet HTML 193Page - Renesas Technology Corp 7540 Datasheet HTML 194Page - Renesas Technology Corp 7540 Datasheet HTML 195Page - Renesas Technology Corp 7540 Datasheet HTML 196Page - Renesas Technology Corp 7540 Datasheet HTML 197Page - Renesas Technology Corp 7540 Datasheet HTML 198Page - Renesas Technology Corp 7540 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 366 page
background image
2-119
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.6 Serial I/O1
(2) Notes when selecting UART
➀ When the clock asynchronous serial I/O1 (UART) is used, serial I/O2 can be used only when BRG
output divided by 16 is selected as the synchronous clock.
➁ When the transmit operation is stopped, clear the transmit enable bit to “0” (transmit disabled).
q Reason
Same as (1) ➁.
➂ When the receive operation is stopped, clear the receive enable bit to “0” (receive disabled).
➃ When the transmit/receive operation is stopped, clear the transmit enable bit to “0” (transmit
disabled) and receive enable bit to “0” (receive disabled).
➄ Setup of a serial I/O1 synchronous clock selection bit when a clock asynchronous (UART) serial
I/O is selected;
“0”: P12 pin can be used as a normal I/O pin.
“1”: P12 pin turns into an input pin of an external clock.
When clock asynchronous (UART) type serial I/O is selected, it is P13 pin. It can be used as a normal I/O pin.
(3) Notes common to clock synchronous serial I/O and UART
➂ When data transmission is executed at the state that an external clock input is selected as the
synchronous clock, set “1” to the transmit enable bit while the SCLK1 is “H” state. Also, write to the
transmit buffer register while the SCLK1 is “H” state.
➃ When the transmit interrupt is used, set as the following sequence.
❶ Serial I/O1 transmit interrupt enable bit is set to “0” (disabled).
❷ Serial I/O1 transmit enable bit is set to “1”.
❸ Serial I/O1 transmit interrupt request bit is set to “0”.
❹ Serial I/O1 transmit interrupt enable bit is set to “1” (enabled).
q Reason
When the transmit enable bit is set to “1”, the transmit buffer empty flag and transmit shift
completion flag are set to “1”.
Accordingly, even if the timing when any of the above flags is set to “1” is selected for the transmit
interrupt source, interrupt request occurs and the transmit interrupt request bit is set.
➄ Write to the baud rate generator (BRG) while the transmit/receive operation is stopped.
Fig. 2.6.22 Sequence of setting serial I/O1 control
register again
➀ Set the serial I/O control register again after
the transmission and the reception circuits
are reset by clearing both the transmit enable
bit and the receive enable bit to “0.”
➁ The transmit shift completion flag changes
from “1” to “0” with a delay of 0.5 to 1.5
shift clocks. When data transmission is
controlled with referring to the flag after
writing the data to the transmit buffer register,
note the delay.
Can be set
with the LDM
instruction at
the same time
Clear both the transmit enable bit (TE)
and the receive enable bit (RE) to “0”
Set the bits 0 to 3 and bit 6 of the
serial I/O1 control register
Set both the transmit enable bit (TE)
and the receive enable bit (RE), or one
of them to “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com