Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 188Page - Renesas Technology Corp 7540 Datasheet HTML 189Page - Renesas Technology Corp 7540 Datasheet HTML 190Page - Renesas Technology Corp 7540 Datasheet HTML 191Page - Renesas Technology Corp 7540 Datasheet HTML 192Page - Renesas Technology Corp 7540 Datasheet HTML 193Page - Renesas Technology Corp 7540 Datasheet HTML 194Page - Renesas Technology Corp 7540 Datasheet HTML 195Page - Renesas Technology Corp 7540 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 366 page
background image
2-116
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.6 Serial I/O1
Fig. 2.6.20 Control procedure of transmitter
0
1
10 ms elapsed ?
(generated by timer)
Y
N
RESET
SEI
CLD
CLT
10 0
Y
N
1
0
UARTCON(Address 1B16)
Character length: 8 bits
Parity disabled
Stop bit length: 2 bits
TXD: CMOS output
Set UART control register
0
0 1
0
“0716”
Y
N
N
Set “0” to the communication control port P00.
Y
SIO1CON(Address 1A16)
BRG count source: f(XIN)/4
Synchronous clock:
BRG output/16
Transmit interrupt source:
W h e n tra n sm it b u ffe r h a s e m p tie d
Transmit enabled
Receive disabled
UART
Serial I/O1 enabled
Set serial I/O1 control register
BRG(Address 1C16)
Set baud rate generator
Initialization
TB/RB(Address 1816)
Write the first-byte transmission data to
the transmit/receive buffer register
TB/RB(Address 1816)
Write the second-byte transmission data to
the transmit/receive buffer register
Transmit buffer has emptied?
(checked by b0 of SIO1STS
(address 1916))
Transmit shift has completed?
(checked by b2 of SIO1STS
(address 1916))
Transmit buffer has emptied?
(checked by b0 of SIO1STS
(address 1916))
Set “1” to the communication control port P00.
Set the communication control port P00 to the
output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com