Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 186Page - Renesas Technology Corp 7540 Datasheet HTML 187Page - Renesas Technology Corp 7540 Datasheet HTML 188Page - Renesas Technology Corp 7540 Datasheet HTML 189Page - Renesas Technology Corp 7540 Datasheet HTML 190Page - Renesas Technology Corp 7540 Datasheet HTML 191Page - Renesas Technology Corp 7540 Datasheet HTML 192Page - Renesas Technology Corp 7540 Datasheet HTML 193Page - Renesas Technology Corp 7540 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 366 page
background image
2-114
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.6 Serial I/O1
Fig. 2.6.17 Setting method for UART of serial I/O1 (2)
b7b0
00
b7
b0
1
1
Process 5: When BRG output/16 is selected as synchronous clock, set value to baud rate generator.
Baud rate generator (BRG) [Address 1C16]
Set baud rate value
Process 4: Set UART control register.
Select character length
0: 8 bits
1: 7 bits
Select parity enable
0: Parity disabled
1: Parity enabled
Select parity (valid only when parity is enabled)
0: Even parity
1: Odd parity
Select stop bit length
0: 1 stop bit
1: 2 stop bits
Select P11/TxD P-channel output disable (in output mode)
0: CMOS output
1: N-channel open-drain output
UART control register (UARTCON) [Address 1B16]
b7b0
Process 8: When transmitting, start serial data transmission (Note).
Transmit/Receive buffer register (TB/RB) [Address 1816]
Set transmit data
Process 6: In order not to execute the no requested interrupt processing, set “0” (no requested)
to the serial I/O1 transmit/receive interrupt request bit.
Interrupt request register 1 (IREQ1) [Address 3C16]
No serial I/O1 receive interrupt request issued
No serial I/O1 transmit interrupt request issued
Serial I/O1 receive interrupt enabled
Serial I/O1 transmit interrupt enabled
Interrupt control register 1 (ICON1) [Address 3E16]
Process 7: When the interrupt is used, set “1” (interrupt enabled) to the serial I/O1
transmit/receive interrupt enable bit.
Note: When data transmission is executed at the state that an external clock input is
selected as the synchronous clock, set the transmit data while the SCLK1 is “H” state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com