Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 187Page - Renesas Technology Corp 7540 Datasheet HTML 188Page - Renesas Technology Corp 7540 Datasheet HTML 189Page - Renesas Technology Corp 7540 Datasheet HTML 190Page - Renesas Technology Corp 7540 Datasheet HTML 191Page - Renesas Technology Corp 7540 Datasheet HTML 192Page - Renesas Technology Corp 7540 Datasheet HTML 193Page - Renesas Technology Corp 7540 Datasheet HTML 194Page - Renesas Technology Corp 7540 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 366 page
background image
2-115
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.6 Serial I/O1
(3) Communication using UART of serial I/O (transmit/receive)
Outline : 2-byte data is transmitted and received, using UART. Port P00 is used for communication
control.
Specifications : •The Serial I/O1 (UART selected ) is used.
•Transfer bit rate : 9600 bps (f(XIN) = 4.9152 MHz divided by 512)
•Communication control using port P00 (output level of port P00 is controlled by
software)
2-byte data is transferred from the transmitter to the receiver at 10 ms intervals
which the timer generates.
Figure 2.6.18 shows a connection diagram, Figure 2.6.19 shows a timing chart, Figure 2.6.20 shows
the control procedure of transmitter, and Figure 2.6.21 shows an example of control procedure of
receiver.
Fig. 2.6.18 Connection diagram
Fig. 2.6.19 Timing chart
P00
TXD
10 ms
D0
D1 D2 D3
D4 D5 D6
D7
ST
SP(2)
D0
D1 D2 D3
D4 D5 D6
D7
ST
SP(2)
D0
ST
.....
.....
Transmitter
P00
TxD
7540 Group
P00
RXD
7540 Group
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com