Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 184Page - Renesas Technology Corp 7540 Datasheet HTML 185Page - Renesas Technology Corp 7540 Datasheet HTML 186Page - Renesas Technology Corp 7540 Datasheet HTML 187Page - Renesas Technology Corp 7540 Datasheet HTML 188Page - Renesas Technology Corp 7540 Datasheet HTML 189Page - Renesas Technology Corp 7540 Datasheet HTML 190Page - Renesas Technology Corp 7540 Datasheet HTML 191Page - Renesas Technology Corp 7540 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 366 page
background image
2-112
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.6 Serial I/O1
BRG count source
f(XIN) / 4
f(XIN) / 4
f(XIN) / 4
f(XIN) / 4
f(XIN) / 4
f(XIN) / 4
f(XIN) / 4
f(XIN) / 4
f(XIN)
f(XIN)
f(XIN)
BRG set value
255 (FF16)
127 (7F16)
63 (3F16)
31 (1F16)
15 (0F16)
7 (0716)
3 (0316)
1 (0116)
3 (0316)
1 (0116)
0 (0016)
Transfer bit rate (bps)
At f(XIN) = 4.9152 MHz
300
600
1200
2400
4800
9600
19200
38400
76800
153600
307200
At f(XIN) = 8 MHz
488.28125
976.5625
1953.125
3906.25
7812.5
15625
31250
62500
125000
250000
500000
2.6.5 Application example of clock asynchronous serial I/O1
For clock asynchronous serial I/O1 (UART), the transfer formats used by a transmitter and receiver must
be identical.
In the 7540 Group, eight serial data transfer formats can be selected.
(1) Data transfer rate
The transfer bit rate is calculated by the following formula;
q When the internal clock is selected (when baud rate generator is used)
Transfer bit rate [bps] =
Division ratio*1 : “1” or “4” is selected (set by bit 0 of serial I/O1 control register)
BRG setting value*2 : 0 to 255 (0016 to FF16) is set
q When the external clock is selected
Transfer bit rate [bps] = Clock input to SCLK1 pin/16
Table 2.6.1 shows the setting example of baud rate generator and transfer bit rate values.
Table 2.6.1 Setting example of baud rate generator (BRG) and transfer bit rate values
f(XIN)
Division ratio *1 ✕ (BRG setting value *2 + 1) ✕ 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com