Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 180Page - Renesas Technology Corp 7540 Datasheet HTML 181Page - Renesas Technology Corp 7540 Datasheet HTML 182Page - Renesas Technology Corp 7540 Datasheet HTML 183Page - Renesas Technology Corp 7540 Datasheet HTML 184Page - Renesas Technology Corp 7540 Datasheet HTML 185Page - Renesas Technology Corp 7540 Datasheet HTML 186Page - Renesas Technology Corp 7540 Datasheet HTML 187Page - Renesas Technology Corp 7540 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 366 page
background image
2-108
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.6 Serial I/O1
Fig. 2.6.11 Setting method for clock synchronous serial I/O1 (2)
Process 7: Transmit/Receive of serial data (Notes 1, 2).
Transmit/Receive buffer register (TB/RB) [Address 1816]
b7b0
00
b7b0
1
1
Set transmit data (in full-duplex communication)
Set dummy data (in half-duplex communication)
Process 5: In order not to execute the no requested interrupt processing, set “0” (no requested)
to the serial I/O1 transmit/receive interrupt request bit.
Interrupt request register 1 (IREQ1) [Address 3C16]
No serial I/O1 receive interrupt request issued
No serial I/O1 transmit interrupt request issued
Serial I/O1 receive interrupt enabled
Serial I/O1 transmit interrupt enabled
Interrupt control register 1 (ICON1) [Address 3E16]
Process 6: When the interrupt is used, set “1” (interrupt enabled) to the serial I/O transmit/receive
interrupt enable bit.
Notes 1: When data transmission is executed at the state that an external clock input is
selected as the synchronous clock, set the transmit data while the SCLK is “H” state.
2: When inputting the SRDY1 signal, set used pins to to the input mode before
transmitting data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com