Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 179Page - Renesas Technology Corp 7540 Datasheet HTML 180Page - Renesas Technology Corp 7540 Datasheet HTML 181Page - Renesas Technology Corp 7540 Datasheet HTML 182Page - Renesas Technology Corp 7540 Datasheet HTML 183Page - Renesas Technology Corp 7540 Datasheet HTML 184Page - Renesas Technology Corp 7540 Datasheet HTML 185Page - Renesas Technology Corp 7540 Datasheet HTML 186Page - Renesas Technology Corp 7540 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 366 page
background image
2-107
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.6 Serial I/O1
Fig. 2.6.10 Setting method for clock synchronous serial I/O1 (1)
Interrupt control register 1 (ICON1) [Address 3E16]
b7b0
Serial I/O1 receive interrupt disabled
Serial I/O1 transmit interrupt disabled
0
Baud rate generator (BRG) [Address 1C16]
Set baud rate value
b7b0
0 0
Process 1: Stop and initialize serial I/O.
Serial I/O1 control register (SIO1CON) [Address 1A16]
Transmit operation stop and initialized
Receive operation stop and initialized
0
BRG count source selected (set in internal clock selected)
0: f(XIN)
1: f(XIN)/4
Serial I/O1 synchronous clock selected
0: BRG output/4 (Note 1)
1: External clock input
SRDY1 output enable selected
0: P13 pin operates as normal I/O pin
1: P13 pin operates as SRDY1 output pin (Note 2)
Transmit interrupt source selected
0: When transmit buffer has emptied
1: When transmit shift operation is completed
Transmit enable selected
0: Transmit disabled (at half-duplex communication receive)
1: Transmit enabled (at full-duplex communication) (Note 3)
Receive enable selected
0: Receive disabled (at half-duplex communication transmit)
1: Receive enabled (at full-duplex communication) (Note 3)
Clock synchronous serial I/O
Serial I/O1 enabled
(P10–P13 pins operate as serial I/O1 pins)
Serial I/O1 control register (SIO1CON) [Address 1A16]
Process 3: Set serial I/O1 control register.
b7
b0
1 1
Notes 1: Setting of serial I/O1 synchronous selection bit is as follows:
“0”: P12
pin is set to be an output pin of the synchronous clock.
“1”: P12 pin is set to be an input pin of the synchronous clock.
2: When an external clock input is selected as the synchronous clock, and the receiver
performs the SRDY1 output, set “1” to the transmit enable bit in addition to the receive
enable bit and SRDY1 output enable bit.
3: When data transmission is executed at the state that an external clock input is
selected as the synchronous clock, set “1” to the transmit enable bit while the SCLK1
is “H” state.
Process 2: Disable serial I/O1 transmit/receive interrupt.
Process 4: When BRG output/4 is selected as synchronous clock, set value to baud rate generator.
(2) Clock synchronous serial I/O setting method
Figure 2.6.10 and Figure 2.6.11 show the setting method for the clock synchronous serial I/O1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com