Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 182Page - Renesas Technology Corp 7540 Datasheet HTML 183Page - Renesas Technology Corp 7540 Datasheet HTML 184Page - Renesas Technology Corp 7540 Datasheet HTML 185Page - Renesas Technology Corp 7540 Datasheet HTML 186Page - Renesas Technology Corp 7540 Datasheet HTML 187Page - Renesas Technology Corp 7540 Datasheet HTML 188Page - Renesas Technology Corp 7540 Datasheet HTML 189Page - Renesas Technology Corp 7540 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 366 page
background image
2-110
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.6 Serial I/O1
Fig. 2.6.14 Control procedure of transmitter
SIO1CON(Address 1A16)
BRG count source: f(XIN)
Synchronous clock:
BRG output/4
P13 pin (Normal I/O pin)
Transmit interrupt source:
W h e n tra n sm it b u ffe r h a s e m p tie d
Transmit enabled
Receive disabled
Clock synchronous serial I/O
Serial I/O1 enabled
Set serial I/O1 control register
0 00
BRG(Address 1C16)
Set baud rate generator
1
INT0 falling edge input?
Y
N
Initialization
RESET
SEI
CLD
CLT
11 00
“0716”
INTEDGE(Address 3A16)
INT0 falling edge active
Set INT0 interrupt active edge
0
TB/RB(Address 1816)
Write the first-byte transmission data to
the transmit/receive buffer register
Transmit buffer has emptied?
(checked by b0 of SIO1STS
(address 1916))
Y
N
TB/RB(Address 1816)
Y
N
N
Y
Write the second-byte transmission data to
the transmit/receive buffer register
Transmit buffer has emptied?
(checked by b0 of SIO1STS
(address 1916))
Transmit shift has completed?
(checked by b2 of SIO1STS
(address 1916))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com