Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 185Page - Renesas Technology Corp 7540 Datasheet HTML 186Page - Renesas Technology Corp 7540 Datasheet HTML 187Page - Renesas Technology Corp 7540 Datasheet HTML 188Page - Renesas Technology Corp 7540 Datasheet HTML 189Page - Renesas Technology Corp 7540 Datasheet HTML 190Page - Renesas Technology Corp 7540 Datasheet HTML 191Page - Renesas Technology Corp 7540 Datasheet HTML 192Page - Renesas Technology Corp 7540 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 366 page
background image
2-113
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.6 Serial I/O1
Fig. 2.6.16 Setting method for UART of serial I/O1 (1)
(2) UART setting method
Figure 2.6.16 and Figure 2.6.17 show the setting method for UART of serial I/O1.
b7b0
0
b7b0
1 0
b7b0
0 0
0
Interrupt control register 1 (ICON1) [Address 3E16]
Serial I/O1 receive interrupt disabled
Serial I/O1 transmit interrupt disabled
Process 1: Stop and initialize serial I/O.
Serial I/O1 control register (SIO1CON) [Address 1A16]
Transmit operation stop and initialization
Receive operation stop and initialization
BRG count source selected (set in internal clock selected)
0: f(XIN)
1: f(XIN)/4
Serial I/O1 synchronous clock selected (Note 1)
0: BRG output/16
1: External clock input/16
Transmit interrupt source selected
0: When transmit buffer has emptied
1: When transmit shift operation is completed
Transmit enable selected
0: Transmit disabled (at half-duplex communication receive)
1: Transmit enabled (at full-duplex communication) (Note 2)
Receive enable selected
0: Receive disabled (at half-duplex communication transmit)
1: Receive enabled (at full-duplex communication) (Note 2)
Clock asynchronous serial I/O
Serial I/O1 enabled (P10–P12 pins operate as serial I/O1 pins)(Note 3)
Serial I/O1 control register (SIO1CON) [Address 1A16]
Process 3: Set serial I/O1 control register.
Note 1: Setting of serial I/O1 synchronous clock selection bit is as follows;
“0”: P12 pin can be used as a normal I/O pin
“1”: P12 pin is used as an input pin for an external clock.
2: When data transmission is executed at the state that an external clock input is selected
as the synchronous clock, set “1” to the transmit enable bit while the SCLK1 is “H” state.
3: When clock asynchronous (UART) serial I/O is selected, P13 pin can be used as a
normal I/O pin.
Process 2: Disable serial I/O1 transmit/receive interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com