Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 183Page - Renesas Technology Corp 7540 Datasheet HTML 184Page - Renesas Technology Corp 7540 Datasheet HTML 185Page - Renesas Technology Corp 7540 Datasheet HTML 186Page - Renesas Technology Corp 7540 Datasheet HTML 187Page - Renesas Technology Corp 7540 Datasheet HTML 188Page - Renesas Technology Corp 7540 Datasheet HTML 189Page - Renesas Technology Corp 7540 Datasheet HTML 190Page - Renesas Technology Corp 7540 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 366 page
background image
2-111
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.6 Serial I/O1
Fig. 2.6.15 Control procedure of receiver
1 1
1
2 ms elapsed ?
(generated by timer)
Y
N
RESET
SEI
CLD
CLT
11 1
Set dummy data to the transmit/receive buffer
Y
N
Y
N
SIO1CON(Address 1A16)
Synchronous clock:
External clock input
SRDY1 output pin
Transmit enabled
Receive enabled
Clock synchronous serial I/O
Serial I/O enabled
Set serial I/O1 control register
Initialization
TB/RB(Address 1816)
Read the first-byte reception data from
the transmit/receive buffer register
Receive buffer is full?
(checked by b1 of SIO1STS
(address 1916))
TB/RB(Address 1816)
Read the second-byte reception data from
the transmit/receive buffer register
Receive buffer is full?
(checked by b1 of SIO1STS
(address 1916))
TB/RB(Address 1816)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com