Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 192Page - Renesas Technology Corp 7540 Datasheet HTML 193Page - Renesas Technology Corp 7540 Datasheet HTML 194Page - Renesas Technology Corp 7540 Datasheet HTML 195Page - Renesas Technology Corp 7540 Datasheet HTML 196Page - Renesas Technology Corp 7540 Datasheet HTML 197Page - Renesas Technology Corp 7540 Datasheet HTML 198Page - Renesas Technology Corp 7540 Datasheet HTML 199Page - Renesas Technology Corp 7540 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 366 page
background image
2-120
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.7 Serial I/O2
2.7 Serial I/O2
This paragraph explains the registers setting method and the notes relevant to the serial I/O.
2.7.1 Memory map
Fig. 2.7.1 Memory map of registers relevant to serial I/O2
2.7.2 Relevant registers
Fig. 2.7.2 Structure of Port P1 direction register
000316
003D16
Port P1 direction register (P1D)
Interrupt request register 2 (IREQ2)
003F16
Interrupt control register 2 (ICON2)
003016
Serial I/O2 control register (SIO2CON)
003116
Serial I/O2 register (SIO2)
Port P1 direction register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port P1 direction register
0
0
0
0
0
?
?
?
Port P1 direction register (P1D) [Address : 03 16]
0 : Port P10 input mode
1 : Port P10 output mode
0 : Port P11 input mode
1 : Port P11 output mode
0 : Port P12 input mode
1 : Port P12 output mode
0 : Port P13 input mode
1 : Port P13 output mode
0 : Port P14 input mode
1 : Port P14 output mode
✕
✕
✕
✕
✕
✕
✕
✕
Nothing is allocated for these bits.
When these bits are read out, the values are undefined.
✕
✕
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com