Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 205Page - Renesas Technology Corp 7540 Datasheet HTML 206Page - Renesas Technology Corp 7540 Datasheet HTML 207Page - Renesas Technology Corp 7540 Datasheet HTML 208Page - Renesas Technology Corp 7540 Datasheet HTML 209Page - Renesas Technology Corp 7540 Datasheet HTML 210Page - Renesas Technology Corp 7540 Datasheet HTML 211Page - Renesas Technology Corp 7540 Datasheet HTML 212Page - Renesas Technology Corp 7540 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 366 page
background image
2-133
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.8 A/D converter
Fig. 2.8.8 Connection diagram
(2) Control procedure
Outline : The analog input voltage input from a sensor is converted to digital values.
Specifications : •The analog input voltage input from a sensor is converted to digital values.
•P20/AN0 pin is used as an analog input pin.
Figure 2.8.8 shows a connection diagram, and Figure 2.8.9 shows an example of control procedure.
Fig. 2.8.9 Control procedure
P20/AN0
7540 Group
Sensor
A/D conversion processing
ADCON(Address 3416)
Analog input pins: P20/AN0
Set analog input pins
0 00
ADCON(Address 3416)
Start A/D conversion
0 00
0
1
A/D conversion completed ? (Note 2)
Read ADH (address 3616) (Note 3)
RTS
Notes 1: In this case, the A/D conversion interrupt is used.
2: The completion of the A/D conversion is checked by the following;
• The A/D conversion completion bit of the A/D control register is “1”.
• The A/D conversion interrupt request bit of the interrupt request register 2 is “1”.
• Branch to the A/D conversion interrupt processing routine is executed. (In this time,
the A/D conversion interrupt is enabled.)
3: At 10-bit read: the conversion result of the high-order 2 bits (b9, b8) can be read.
At 8-bit read: Not used.
4: At 10-bit read: the conversion result of the low-order 8 bits (b7 to b0) can be read.
At 8-bit read: the conversion result of b7 to b0 can be read.
Y
N
Set “0” to the A/D conversion interrupt request bit.
Set “1” to the A/D conversion interrupt enable bit.
(A/D conversion interrupt enabled) (Note 1)
Start A/D conversion
Set “0” to the A/D conversion interrupt enable bit.
(A/D conversion interrupt disabled)
Read ADL (address 3516) (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com