Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 225Page - Renesas Technology Corp 7540 Datasheet HTML 226Page - Renesas Technology Corp 7540 Datasheet HTML 227Page - Renesas Technology Corp 7540 Datasheet HTML 228Page - Renesas Technology Corp 7540 Datasheet HTML 229Page - Renesas Technology Corp 7540 Datasheet HTML 230Page - Renesas Technology Corp 7540 Datasheet HTML 231Page - Renesas Technology Corp 7540 Datasheet HTML 232Page - Renesas Technology Corp 7540 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 366 page
background image
3-7
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.1 Electrical characteristics
(4) A/D Converter Characteristics (General purpose)
Table 3.1.6
A/D Converter characteristics
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Resolution
Linearity error
Differential nonlinear error
Zero transition voltage
Full scale transition voltage
Conversion time
Ladder resistor
Reference power source input current
A/D port input current
Resolution
Linearity error
Differential nonlinear error
Zero transition voltage
Full scale transition voltage
Conversion time
Ladder resistor
Reference power source
input current
A/D port input current
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
VCC = 2.7 to 5.5 V
Ta = 25 °C
VCC = 2.7 to 5.5 V
Ta = 25 °C
VCC = VREF = 5.12 V
VCC = VREF = 3.072 V
VCC = VREF = 5.12 V
VCC = VREF = 3.072 V
VREF = 5.0 V
VREF = 3.0 V
VCC = 2.7 to 5.5 V
Ta = 25 °C
VCC = 2.7 to 5.5 V
Ta = 25 °C
VCC = VREF = 5.12 V
VCC = VREF = 3.072 V
VCC = VREF = 5.12 V
VCC = VREF = 3.072 V
VREF = 5.0 V
VREF = 3.0 V
Bits
LSB
LSB
mV
mV
mV
mV
tc(XIN)
k
Ω
µA
µA
Bits
LSB
LSB
mV
mV
mV
mV
tc(XIN)
k
Ω
µA
µA
10
±3
±0.9
20
15
5125
3075
122
200
120
5.0
10
±3
±1.5
35
21
5150
3090
122
200
120
5.0
—
—
—
VOT
VFST
tCONV
RLADDER
IVREF
II(AD)
—
—
—
VOT
VFST
tCONV
RLADDER
IVREF
II(AD)
5
3
5115
3069
55
150
70
15
9
5125
3075
55
150
70
0
0
5105
3060
50
50
0
0
5105
3060
50
50
One Time
PROM version
Mask ROM version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com