Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 228Page - Renesas Technology Corp 7540 Datasheet HTML 229Page - Renesas Technology Corp 7540 Datasheet HTML 230Page - Renesas Technology Corp 7540 Datasheet HTML 231Page - Renesas Technology Corp 7540 Datasheet HTML 232Page - Renesas Technology Corp 7540 Datasheet HTML 233Page - Renesas Technology Corp 7540 Datasheet HTML 234Page - Renesas Technology Corp 7540 Datasheet HTML 235Page - Renesas Technology Corp 7540 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 366 page
background image
3-10
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.1 Electrical characteristics
(6) Switching Characteristics (General purpose)
Table 3.1.10 Switching characteristics (1)
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
tC(SCLK1)/2–30
tC(SCLK1)/2–30
–30
tC(SCLK2)/2–30
tC(SCLK2)/2–30
0
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
tWH(SCLK1)
tWL(SCLK1)
td(SCLK1–TxD1)
tv(SCLK1–TxD1)
tr(SCLK1)
tf(SCLK1)
tWH(SCLK2)
tWL(SCLK2)
td(SCLK2–SDATA2)
tv(SCLK2–SDATA2)
tr(SCLK2)
tf(SCLK2)
tr(CMOS)
tf(CMOS)
Serial I/O1 clock output “H” pulse width
Serial I/O1 clock output “L” pulse width
Serial I/O1 output delay time
Serial I/O1 output valid time
Serial I/O1 clock output rising time
Serial I/O1 clock output falling time
Serial I/O2 clock output “H” pulse width
Serial I/O2 clock output “L” pulse width
Serial I/O2 output delay time
Serial I/O2 output valid time
Serial I/O2 clock output rising time
Serial I/O2 clock output falling time
CMOS output rising time (Note 1)
CMOS output falling time (Note 1)
Note 1: Pin XOUT is excluded.
Table 3.1.11 Switching characteristics (2)
(VCC = 2.4 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
350
50
50
350
50
50
50
50
Note 1: Pin XOUT is excluded.
tWH(SCLK1)
tWL(SCLK1)
td(SCLK1–TxD1)
tv(SCLK1–TxD1)
tr(SCLK1)
tf(SCLK1)
tWH(SCLK2)
tWL(SCLK2)
td(SCLK2–SDATA2)
tv(SCLK2–SDATA2)
tr(SCLK2)
tf(SCLK2)
tr(CMOS)
tf(CMOS)
Serial I/O1 clock output “H” pulse width
Serial I/O1 clock output “L” pulse width
Serial I/O1 output delay time
Serial I/O1 output valid time
Serial I/O1 clock output rising time
Serial I/O1 clock output falling time
Serial I/O2 clock output “H” pulse width
Serial I/O2 clock output “L” pulse width
Serial I/O2 output delay time
Serial I/O2 output valid time
Serial I/O2 clock output rising time
Serial I/O2 clock output falling time
CMOS output rising time (Note 1)
CMOS output falling time (Note 1)
tC(SCLK1)/2–50
tC(SCLK1)/2–50
–30
tC(SCLK2)/2–50
tC(SCLK2)/2–50
0
20
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
10
10
140
30
30
140
30
30
30
30
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com