Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 235Page - Renesas Technology Corp 7540 Datasheet HTML 236Page - Renesas Technology Corp 7540 Datasheet HTML 237Page - Renesas Technology Corp 7540 Datasheet HTML 238Page - Renesas Technology Corp 7540 Datasheet HTML 239Page - Renesas Technology Corp 7540 Datasheet HTML 240Page - Renesas Technology Corp 7540 Datasheet HTML 241Page - Renesas Technology Corp 7540 Datasheet HTML 242Page - Renesas Technology Corp 7540 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 366 page
background image
3-17
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.1 Electrical characteristics
Table 3.1.17 Electrical characteristics (2)
(VCC = 2.4 to 5.5 V, VSS = 0 V, Ta = –40 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Limits
Unit
8.0
1.5
10.0
5.0
1000
3.2
450
1.0
10
6.5
1.2
8.0
5.0
900
3.2
450
1.0
10
mA
mA
mA
mA
µA
mA
mA
µA
mA
µA
µA
mA
mA
mA
mA
µA
mA
mA
µA
mA
µA
µA
ICC
5.0
0.5
6.0
2.0
350
1.6
0.2
150
0.5
0.1
3.5
0.4
4.5
2.0
300
1.6
0.2
150
0.5
0.1
High-speed mode, f(XIN) = 8 MHz
Output transistors “off”
High-speed mode, f(XIN) = 2 MHz, VCC = 2.4 V
Output transistors “off”
Double-speed mode, f(XIN) = 6 MHz,
Output transistors “off”
Middle-speed mode, f(XIN) = 8 MHz,
Output transistors “off”
On-chip oscillator operation mode, VCC = 5 V
Output transistors “off”
f(XIN) = 8 MHz (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
f(XIN) = 2 MHz, VCC = 2.4 V (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
On-chip oscillator operation mode, VCC = 5V (in WIT state),
functions except timer 1 disabled, Output transistors “off”
Increment when A/D conversion is executed
f(XIN) = 8 MHz, VCC = 5 V
All oscillation stopped
(in STP state)
Output transistors “off”
High-speed mode, f(XIN) = 8 MHz
Output transistors “off”
High-speed mode, f(XIN) = 2 MHz, VCC = 2.4 V
Output transistors “off”
Double-speed mode, f(XIN) = 6 MHz
Output transistors “off”
Middle-speed mode, f(XIN) = 8 MHz
Output transistors “off”
On-chip oscillator operation mode, VCC = 5 V
Output transistors “off”
f(XIN) = 8 MHz (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
f(XIN) = 2 MHz, VCC = 2.4 V (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
On-chip oscillator operation mode, VCC = 5V (in WIT state),
functions except timer 1 disabled, Output transistors “off”
Increment when A/D conversion is executed
f(XIN) = 8 MHz, VCC = 5 V
All oscillation stopped
(in STP state)
Output transistors “off”
Ta = 25 °C
Ta = 85 °C
Test conditions
One Time PROM version
Mask ROM version
Ta = 25 °C
Ta = 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com