Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 286Page - Renesas Technology Corp 7540 Datasheet HTML 287Page - Renesas Technology Corp 7540 Datasheet HTML 288Page - Renesas Technology Corp 7540 Datasheet HTML 289Page - Renesas Technology Corp 7540 Datasheet HTML 290Page - Renesas Technology Corp 7540 Datasheet HTML 291Page - Renesas Technology Corp 7540 Datasheet HTML 292Page - Renesas Technology Corp 7540 Datasheet HTML 293Page - Renesas Technology Corp 7540 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 366 page
background image
3-68
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.2 Typical characteristics
4.0
4.2
4.4
4.6
4.8
5.0
-60
-30
0
30
60
90
120
150
0.0
1.0
2.0
3.0
4.0
5.0
23456
Fig. 3.2.81 VCC-f(XIN) characteristics (RC oscillation frequency: One Time PROM version)
Measuring parameter: RC oscillation frequency
Measuring condition: Ta = 25 °C, R = 5.1 k
Ω/C = 33 pF
Power source voltage VCC [V]
Fig. 3.2.82 Ta-f(XIN) characteristics (RC oscillation frequency: One Time PROM version)
Measuring parameter: RC oscillation frequency
Measuring condition: R = 5.1 k
Ω, C = 33 pF
Operating temperature range Ta [°C]
VCC = 5.0 V
VCC = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com