Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 287Page - Renesas Technology Corp 7540 Datasheet HTML 288Page - Renesas Technology Corp 7540 Datasheet HTML 289Page - Renesas Technology Corp 7540 Datasheet HTML 290Page - Renesas Technology Corp 7540 Datasheet HTML 291Page - Renesas Technology Corp 7540 Datasheet HTML 292Page - Renesas Technology Corp 7540 Datasheet HTML 293Page - Renesas Technology Corp 7540 Datasheet HTML 294Page - Renesas Technology Corp 7540 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 366 page
background image
3-69
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.2 Typical characteristics
(11) A/D conversion typical characteristics example
➀ Definition of A/D conversion accuracy
The A/D conversion accuracy is defined below (refer to Fig. 3.2.83).
qRelative accuracy
• Zero transition voltage (VOT)
This means an analog input voltage when the actual A/D conversion output data changes from
“0” to “1.”
• Full-scale transition voltage (VFST)
This means an analog input voltage when the actual A/D conversion output data changes from
“1023” to “1022.”
• Non-linearity error
This means a deviation from the line between VOT and VFST of a converted value between VOT and
VFST.
• Differential non-linearity error
This means a deviation from the input potential difference required to change a converted value
between VOT and VFST by 1 LSB of the 1 LSB at the relative accuracy.
qAbsolute accuracy
This means a deviation from the ideal characteristics between 0 to VREF of actual A/D conversion
characteristics.
VREF
1024
Fig. 3.2.83 Definition of A/D conversion accuracy
Vn: Analog input voltage when the output data changes from “n” to “n + 1” (n = 0 to 1022)
• 1 LSB at relative accuracy
→
(V)
• 1 LSB at absolute accuracy
→
(V)
VFST – VOT
1022
Analog voltage
VREF
V1022
Vn
V1
V0
Zero transition voltage (V0T)
Full-scale transition voltage (VFST)
Non-linearity error=
Actual A/D conversion
characteristics
Vn+1
n+1
n
1022
1023
1
0
Ideal line of A/D
conversion between
V0 to V1022
Output data
b
a
a: 1LSB at relative accuracy
b: Vn+1-Vn
c: Difference between
the ideal Vn and actual Vn
Differential non-linearity error=
b-a
a [LSB]
c
c
a [LSB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com