Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 309Page - Renesas Technology Corp 7540 Datasheet HTML 310Page - Renesas Technology Corp 7540 Datasheet HTML 311Page - Renesas Technology Corp 7540 Datasheet HTML 312Page - Renesas Technology Corp 7540 Datasheet HTML 313Page - Renesas Technology Corp 7540 Datasheet HTML 314Page - Renesas Technology Corp 7540 Datasheet HTML 315Page - Renesas Technology Corp 7540 Datasheet HTML 316Page - Renesas Technology Corp 7540 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 366 page
background image
3-91
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.3 Notes on use
3.3.18 Notes on built-in PROM version
(1) Programming adapter
Use a special programming adapter shown in Table 3.3.1 and a general-purpose PROM programmer
when reading from or programming to the built-in PROM in the built-in PROM version.
Table 3.3.1 Programming adapters
M37540E8GP (One Time PROM version shipped in blank)
M37540E8SP (One Time PROM version shipped in blank)
M37540E8FP (One Time PROM version shipped in blank)
PCA7435GPG03
PCA7435SPG02
PCA7435FPG02
Programming adapter
Part Number
(2) Programming/reading
In PROM mode, operation is the same as that of the M5M27C101AK, but programming conditions
of PROM programmer are not set automatically because there are no internal device ID codes.
Accurately set the following conditions for data programming /reading. Take care not to apply 21 V
to VPP pin (is also used as the CNVSS pin), or the product may be permanently damaged.
• Programming voltage: 12.5 V
• Setting of PROM programmer switch: refer to Table 3.3.2.
Part Number
PROM programmer
start address
PROM programmer
end address
M37540E8GP
M37540E8SP
M37540E8FP
Table 3.3.2 PROM programmer address setting
Note: Addersses 808016 to FFFD16 in the built-in PROM corresponds to addresses 0808016 to 0FFFD16 in
the PROM programmer.
Address 0808016 (Note)
Address 0FFFD16 (Note)
3.3.19 Note on Power Source Voltage
When the power source voltage value of a microcomputer is less than the value which is indicated as the
recommended operating conditions, the microcomputer does not operate normally and may perform unstable
operation.
In a system where the power source voltage drops slowly when the power source voltage drops or the
power supply is turned off, reset a microcomputer when the supply voltage is less than the recommended
operating conditions and design a system not to cause errors to the system by this unstable operation.
3.3.20 Electric Characteristic Differences Among Mask ROM and One TIme PROM Version MCUs
There are differences in electric characteristics, operation margin, noise immunity, and noise radiation
among mask ROM and One Time PROM version MCUs due to the differences in the manufacturing
processes.
When manufacturing an application system with One Time PROM version and then switching to use of the
mask ROM version, perform sufficient evaluations for the commercial samples of the mask ROM version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com