Electronic Components Datasheet Search
  English  ▼

X  

SH7720 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7720
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7720 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7720 Datasheet HTML 51Page - Renesas Technology Corp SH7720 Datasheet HTML 52Page - Renesas Technology Corp SH7720 Datasheet HTML 53Page - Renesas Technology Corp SH7720 Datasheet HTML 54Page - Renesas Technology Corp SH7720 Datasheet HTML 55Page - Renesas Technology Corp SH7720 Datasheet HTML 56Page - Renesas Technology Corp SH7720 Datasheet HTML 57Page - Renesas Technology Corp SH7720 Datasheet HTML 58Page - Renesas Technology Corp SH7720 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page lv of lxii
Section 6 X/Y Memory
Table 6.1
X/Y Memory Virtual Addresses ........................................................................... 213
Table 6.2
MMU and Cache Settings..................................................................................... 216
Section 7 Exception Handling
Table 7.1
Exception Event Vectors....................................................................................... 225
Table 7.2
Instruction Positions and Restriction Types.......................................................... 235
Table 7.3
SPC Value When a Re-Execution Type Exception Occurs in Repeat Control
(SR.RC[11:0]
≥2)...................................................................................................237
Table 7.4
Exception Acceptance in the Repeat Loop ........................................................... 239
Table 7.5
Instruction Where a Specific Exception Occurs
When a Memory Access Exception Occurs in Repeat Control
(SR.RC[11:0]
≥1)...................................................................................................240
Section 8 Interrupt Controller (INTC)
Table 8.1
Pin Configuration.................................................................................................. 245
Table 8.2
Interrupt Sources and IPRA to IPRJ ..................................................................... 248
Table 8.3
Interrupt Exception Handling Sources and Priority (IRQ Mode) ......................... 270
Table 8.4
Interrupt Exception Handling Sources and Priority (IRL Mode).......................... 272
Table 8.5
Interrupt Level and INTEVT Code....................................................................... 275
Section 9 Bus State Controller (BSC)
Table 9.1
Pin Configuration.................................................................................................. 283
Table 9.2
Address Space Map 1 (CMNCR.MAP = 0).......................................................... 287
Table 9.3
Address Space Map 2 (CMNCR.MAP = 1).......................................................... 288
Table 9.4
Correspondence between External Pins (MD3 and MD4),
Memory Type of CS0, and Memory Bus Width................................................... 289
Table 9.5
Correspondence between External Pin (MD5) and Endians ................................. 289
Table 9.6
32-Bit External Device/Big Endian Access and Data Alignment......................... 331
Table 9.7
16-Bit External Device/Big Endian Access and Data Alignment......................... 332
Table 9.8
8-Bit External Device/Big Endian Access and Data Alignment........................... 333
Table 9.9
32-Bit External Device/Little Endian Access and Data Alignment ...................... 334
Table 9.10
16-Bit External Device/Little Endian Access and Data Alignment ...................... 335
Table 9.11
8-Bit External Device/Little Endian Access and Data Alignment ........................ 336
Table 9.12
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (1)-1..................................................................... 349
Table 9.12
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (1)-2..................................................................... 350
Table 9.13
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (2)-1..................................................................... 351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com