Electronic Components Datasheet Search
  English  ▼

X  

2N6316 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N6316
Description  POWER TRANSISTORS(7.0A,90W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N6316 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N6316 Datasheet HTML 1Page - Mospec Semiconductor 2N6316 Datasheet HTML 2Page - Mospec Semiconductor 2N6316 Datasheet HTML 3Page - Mospec Semiconductor 2N6316 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A


Similar Part No. - 2N6316

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6316 BOCA-2N6316 Datasheet
172Kb / 4P
COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Central Semiconductor C...
2N6316 CENTRAL-2N6316 Datasheet
51Kb / 1P
Power Transistors
logo
Inchange Semiconductor ...
2N6316 ISC-2N6316 Datasheet
131Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2N6316 SAVANTIC-2N6316 Datasheet
115Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
2N6316 SEME-LAB-2N6316 Datasheet
22Kb / 2P
COMPLEMENTARY SILICON
More results

Similar Description - 2N6316

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC3039 MOSPEC-2SC3039 Datasheet
137Kb / 3P
POWER TRANSISTORS(7.0A,400V,50W)
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
POWER TRANSISTORS(15A,90W)
BUV47 MOSPEC-BUV47 Datasheet
120Kb / 3P
POWER TRANSISTORS(9A,400V,90W)
TIP3055 MOSPEC-TIP3055 Datasheet
107Kb / 3P
POWER TRANSISTORS(15A,60V,90W)
logo
Unisonic Technologies
7N75 UTC-7N75 Datasheet
177Kb / 6P
7.0A, 750V N-CHANNEL POWER MOSFET
logo
RF Micro Devices
RFG1M09090 RFMD-RFG1M09090 Datasheet
1Mb / 11P
90W GaN Power Amplifier
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
90W GaN Power Amplifier
logo
Nanjing International G...
NJ7N80 DGNJDZ-NJ7N80 Datasheet
684Kb / 6P
7.0A 800V N-CHANNEL POWER MOSFET
logo
MicroPower Direct, LLC
LDC-80 MPD-LDC-80 Datasheet
1Mb / 4P
90W Output Power
logo
Nanjing International G...
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
7.0A 650V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com