Electronic Components Datasheet Search
  English  ▼

X  

3851 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 3851
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3851 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 3851 Datasheet HTML 87Page - Renesas Technology Corp 3851 Datasheet HTML 88Page - Renesas Technology Corp 3851 Datasheet HTML 89Page - Renesas Technology Corp 3851 Datasheet HTML 90Page - Renesas Technology Corp 3851 Datasheet HTML 91Page - Renesas Technology Corp 3851 Datasheet HTML 92Page - Renesas Technology Corp 3851 Datasheet HTML 93Page - Renesas Technology Corp 3851 Datasheet HTML 94Page - Renesas Technology Corp 3851 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 261 page
background image
2-22
3850/3851 Group User’s Manual
APPLICATION
2.2 Timer
(5) Timer application example 4: Measurement of FG pulse width for motor
Outline: The timer X counts the “H” level width of the pulses input to the P27/CNTR0 pin. An
underflow is detected by the timer X interrupt and an end of the input pulse “H” level is
detected by the CNTR0 interrupt.
Specifications: •The timer X counts the “H” level width of the FG pulse input to the P27/CNTR0 pin.
<Example>
When the clock frequency is 4.19 MHz, the count source is 3.8
µs, which is obtained by dividing
the clock frequency by 16. Measurement can be made up to 250 ms in the range of FFFF16 to
000016.
Figure 2.2.21 shows the timers connection and setting of division ratio; Figure 2.2.22 shows the
relevant registers setting; Figure 2.2.23 shows the control procedure.
Fig. 2.2.21 Timers connection and setting of division ratios
250 ms
1/16
1/256
1/256
f(XIN) = 4.19 MHz
Timer X count source
selection bit
Prescaler X
Timer X
Timer X interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com