Electronic Components Datasheet Search
  English  ▼

X  

M37540E2SP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M37540E2SP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540E2SP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M37540E2SP Datasheet HTML 17Page - Renesas Technology Corp M37540E2SP Datasheet HTML 18Page - Renesas Technology Corp M37540E2SP Datasheet HTML 19Page - Renesas Technology Corp M37540E2SP Datasheet HTML 20Page - Renesas Technology Corp M37540E2SP Datasheet HTML 21Page - Renesas Technology Corp M37540E2SP Datasheet HTML 22Page - Renesas Technology Corp M37540E2SP Datasheet HTML 23Page - Renesas Technology Corp M37540E2SP Datasheet HTML 24Page - Renesas Technology Corp M37540E2SP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 366 page
background image
1-2
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
HARDWARE
7540 Group
DESCRIPTION
The 7540 Group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 7540 Group has a serial I/O, 8-bit timers, a 16-bit timer, and
an A/D converter, and is useful for control of home electric appli-
ances and office automation equipment.
FEATURES
•
Basic machine-language instructions ...................................... 71
•
The minimum instruction execution time ......................... 0.34
µs
(at 6 MHz oscillation frequency, double-speed mode for the
shortest instruction)
•
Memory size ROM ............................................ 8 K to 32 K bytes
RAM ............................................. 384 to 768 bytes
•
Programmable I/O ports ....................... 29 (25 in 32-pin version)
•
Interrupts ................................................. 15 sources, 15 vectors
................................. (14 sources, 14 vectors for 32-pin version)
•
Timers ............................................................................. 8-bit ✕ 4
...................................................................................... 16-bit ✕ 1
•
Serial I/O1 ................... 8-bit ✕ 1 (UART or Clock-synchronized)
•
Serial I/O2 (Note 1) ..................... 8-bit ✕ 1 (Clock-synchronized)
•
A/D converter ............................................... 10-bit ✕ 8 channels
.................................................... (6 channels for 32-pin version)
•
Clock generating circuit ............................................. Built-in type
(low-power dissipation by an on-chip oscillator enabled)
(connect to external ceramic resonator or quartz-crystal oscilla-
tor permitting RC oscillation)
•
Watchdog timer ............................................................ 16-bit ✕ 1
•
Power source voltage
XIN oscillation frequency at ceramic oscillation, in double-speed mode
At 6 MHz .................................................................... 4.5 to 5.5 V
XIN oscillation frequency at ceramic oscillation, in high-speed mode
At 8 MHz .................................................................... 4.0 to 5.5 V
At 4 MHz .................................................................... 2.4 to 5.5 V
At 2 MHz .................................................................... 2.2 to 5.5 V
XIN oscillation frequency at RC oscillation in high-speed mode or
middle-speed mode
At 4 MHz .................................................................... 4.0 to 5.5 V
At 2 MHz .................................................................... 2.4 to 5.5 V
At 1 MHz .................................................................... 2.2 to 5.5 V
•
Power dissipation
Mask ROM version ....................................... 22.5 mW (standard)
One Time PROM version ................................ 30 mW (standard)
•
Operating temperature range ................................... –20 to 85 °C
(–40 to 85 °C for extended operating temperature version)
(–40 to 125 °C for extended operating temperature 125 °C ver-
sion (Note 2))
APPLICATION
Office automation equipment, factory automation equipment,
home electric appliances, consumer electronics, car, etc.
Notes 1: Serial I/O2 can be used in the following cases;
(1) Serial I/O1 is not used,
(2) Serial I/O1 is used as UART and BRG output divided by 16 is
selected as the synchronized clock.
2: In this version, the operating temperature range and total time
are limited as follows;
55 °C to 85 °C: within total 6000 hours,
85 °C to 125 °C: within total 1000 hours.
DESCRIPTION/FEATURES/APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com