Electronic Components Datasheet Search
  English  ▼

X  

M37540E8SP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M37540E8SP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540E8SP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37540E8SP Datasheet HTML 9Page - Renesas Technology Corp M37540E8SP Datasheet HTML 10Page - Renesas Technology Corp M37540E8SP Datasheet HTML 11Page - Renesas Technology Corp M37540E8SP Datasheet HTML 12Page - Renesas Technology Corp M37540E8SP Datasheet HTML 13Page - Renesas Technology Corp M37540E8SP Datasheet HTML 14Page - Renesas Technology Corp M37540E8SP Datasheet HTML 15Page - Renesas Technology Corp M37540E8SP Datasheet HTML 16Page - Renesas Technology Corp M37540E8SP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 366 page
background image
viii
List of figures
7540 Group
Fig. 2.7.11 Control procedure of transmission side .............................................................. 2-126
Fig. 2.7.12 Control procedure of reception side .................................................................... 2-127
Fig. 2.8.1 Memory map of registers relevant to A/D converter ........................................... 2-129
Fig. 2.8.2 Structure of A/D control register ............................................................................ 2-129
Fig. 2.8.3 Structure of A/D conversion register (low-order) ................................................. 2-130
Fig. 2.8.4 Structure of A/D conversion register (high-order) ............................................... 2-130
Fig. 2.8.5 Structure of Interrupt request register 2 ............................................................... 2-131
Fig. 2.8.6 Structure of Interrupt control register 2 ................................................................ 2-131
Fig. 2.8.7 Relevant registers setting ....................................................................................... 2-132
Fig. 2.8.8 Connection diagram ................................................................................................. 2-133
Fig. 2.8.9 Control procedure ..................................................................................................... 2-133
Fig. 2.8.10 Connection diagram ............................................................................................... 2-134
Fig. 2.9.1 Memory map of registers relevant to oscillation control .................................... 2-135
Fig. 2.9.2 Structure of MISRG ................................................................................................. 2-135
Fig. 2.9.3 Structure of Watchdog timer control register ....................................................... 2-136
Fig. 2.9.4 Structure of CPU mode register ............................................................................ 2-136
Fig. 2.9.5 Setting method when the on-chip oscillator is used as the operation clock ... 2-137
Fig. 2.9.6 Control procedure ..................................................................................................... 2-138
Fig. 2.9.7 Initial setting method for the oscillation stop detection circuit .......................... 2-140
Fig. 2.9.8 Setting method for the oscillation stop detection circuit in main processing .. 2-141
Fig. 2.9.9 State transition .......................................................................................................... 2-142
Fig. 2.9.10 Example of mode transition .................................................................................. 2-143
Fig. 2.9.11 Control procedure ................................................................................................... 2-144
CHAPTER 3 APPENDIX
Fig. 3.1.1 Switching characteristics measurement circuit diagram (General purpose) ....... 3-11
Fig. 3.1.2 Timing chart (General purpose) ............................................................................... 3-12
Fig. 3.1.3 Switching characteristics measurement circuit diagram (Extended operating temperature)3-20
Fig. 3.1.4 Timing chart (Extended operating temperature version) ...................................... 3-21
Fig. 3.1.5 Switching characteristics measurement circuit diagram (Extended operating temperature
125 °C version) ..................................................................................................................... 3-29
Fig. 3.1.6 Timing chart (Extended operating temperature 125 °C version) ......................... 3-30
Fig. 3.2.1 VCC-ICC characteristics (in double-speed mode: Mask ROM version) .................. 3-31
Fig. 3.2.2 VCC-ICC characteristics (in high-speed mode: Mask ROM version) ...................... 3-31
Fig. 3.2.3 VCC-ICC characteristics (in middle-speed mode: Mask ROM version) .................. 3-31
Fig. 3.2.4 VCC-ICC characteristics (at WIT instruction execution: Mask ROM version) ........ 3-32
Fig. 3.2.5 VCC-ICC characteristics (at STP instruction execution: Mask ROM version) ....... 3-32
Fig. 3.2.6 VCC-ICC characteristics (addition when operating A/D conversion, f(XIN) = 8 MHz in
high-speed mode: Mask ROM version) .............................................................................. 3-33
Fig. 3.2.7 VCC-ICC characteristics (addition when operating A/D conversion, f(XIN) = 6 MHz in
double-speed mode: Mask ROM version) ......................................................................... 3-33
Fig. 3.2.8VCC-ICC characteristics (When system is operating by on-chip oscillator, Ceramic oscillation
stop: Mask ROM version) .................................................................................................... 3-34
Fig. 3.2.9 VCC-ICC characteristics (When system is operating by on-chip oscillator, at WIT instruction
execution, Ceramic oscillation stop: Mask ROM version) ............................................... 3-34
Fig. 3.2.10 f(XIN)-ICC characteristics (in double-speed mode: Mask ROM version) ............. 3-35
Fig. 3.2.11 f(XIN)-ICC characteristics (in high-speed mode: Mask ROM version) ................. 3-35
Fig. 3.2.12 f(XIN)-ICC characteristics (in middle-speed mode: Mask ROM version) ............. 3-35
Fig. 3.2.13 f(XIN)-ICC characteristics (at WIT instruction execution: Mask ROM version) ... 3-36
Fig. 3.2.14 Ta-ICC characteristics (When system is operating by on-chip oscillator, Ceramic
oscillation stop: Mask ROM version) .................................................................................. 3-36
Fig. 3.2.15 Ta-ICC characteristics (When system is operating by on-chip oscillator, at WIT
instruction execution, Ceramic oscillation stop: Mask ROM version) ............................ 3-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com