Electronic Components Datasheet Search
  English  ▼

X  

38B5 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 38B5
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 60Page - Renesas Technology Corp 38B5 Datasheet HTML 61Page - Renesas Technology Corp 38B5 Datasheet HTML 62Page - Renesas Technology Corp 38B5 Datasheet HTML 63Page - Renesas Technology Corp 38B5 Datasheet HTML 64Page - Renesas Technology Corp 38B5 Datasheet HTML 65Page - Renesas Technology Corp 38B5 Datasheet HTML 66Page - Renesas Technology Corp 38B5 Datasheet HTML 67Page - Renesas Technology Corp 38B5 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 356 page
background image
38B5 Group User’s Manual
1-47
HARDWARE
FUNCTIONAL DESCRIPTION
Digit data protect function
The FLD automatic display RAM is provided with a data protect
function that disables the RAM area data to be rewritten as digit
data.
This function can disable data from being written in optional bits in
the RAM area corresponding to P1 to P3. A programming load can
be reduced by protecting an area that requires no change after
data such as digit data is written.
Write digit data beforehand; then set “1” in the corresponding bits.
With this, the setting is completed.
The data protect area becomes the maximum RAM area of P1 and
P3. For example, when bit 0 of P1 is protected in the 16-
timing•ordinary mode, bits 0 of RAM addresses 0FD016 to 0FDF16
can be protected. Likewise, in the 16-timing•gradation display mode,
bits 0 of addresses 0FD016 to 0FDF16 and 0F8016 to 0F8F16 can be
protected. In the 32-timing mode, bits 0 of addresses 0FA016 to
0FBF16 can be protected.
Fig. 48 Structure of FLDRAM write disable register
b7
b0
P1FLDRAM write disable register
(P1FLDRAM : address 0EF216)
FLDRAM corresponding to P10
FLDRAM corresponding to P11
FLDRAM corresponding to P12
FLDRAM corresponding to P13
FLDRAM corresponding to P14
FLDRAM corresponding to P15
FLDRAM corresponding to P16
FLDRAM corresponding to P17
b7
b0
0: Operating normally
1: Write disabled
P3FLDRAM write disable register
(P3FLDRAM : address 0EF316)
FLDRAM corresponding to P30
FLDRAM corresponding to P31
FLDRAM corresponding to P32
FLDRAM corresponding to P33
FLDRAM corresponding to P34
FLDRAM corresponding to P35
FLDRAM corresponding to P36
FLDRAM corresponding to P37
0: Operating normally
1: Write disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com