Electronic Components Datasheet Search
  English  ▼

X  

HD64F2128 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD64F2128
Description  Single-Chip Microcomputer
PDF  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2128 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD64F2128 Datasheet HTML 45Page - Renesas Technology Corp HD64F2128 Datasheet HTML 46Page - Renesas Technology Corp HD64F2128 Datasheet HTML 47Page - Renesas Technology Corp HD64F2128 Datasheet HTML 48Page - Renesas Technology Corp HD64F2128 Datasheet HTML 49Page - Renesas Technology Corp HD64F2128 Datasheet HTML 50Page - Renesas Technology Corp HD64F2128 Datasheet HTML 51Page - Renesas Technology Corp HD64F2128 Datasheet HTML 52Page - Renesas Technology Corp HD64F2128 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 843 page
background image
25
Pin No.
Type
Symbol
DP-64S
FP-64A
TFP-80C
I/O
Name and Function
A/D
converter
AVCC
30
22
27
Input
Analog power supply: The
reference power supply pin for the
A/D converter.
When the A/D converter is not
used, this pin should be connected
to the system power supply (+5 V
or +3 V).
AVSS
21
13
17
Input
Analog ground: The ground pin for
the A/D converter. This pin should
be connected to the system power
supply (0 V).
PWM timer
(PWM)
PW15 to
PW0
40 to 47,
49 to 56
32 to 39,
41 to 48
40 to 44,
46 to 48,
52 to 54,
56 to 60
Output PWM timer output: PWM timer
pulse output pins.
14-bit PWM
timer
(PWMX)
PWX0
PWX1
56
55
48
47
60
59
Output PWMX timer output: PWM D/A
pulse output pins.
Timer
connection
VSYNCI
HSYNCI
CSYNCI
VFBACKI
HFBACKI
33
36
37
34
31
25
28
29
26
23
32
36
37
33
28
Input
Timer connection input: Timer
connection synchronous signal
input pins.
VSYNCO
HSYNCO
CLAMPO
CBLANK
32
38
35
40
24
30
27
32
30
38
35
40
Output Timer connection output: Timer
connection synchronous signal
output pins.
I
2C bus
interface
(IIC)
(option)
SCL0
SCL1
11
43
3
35
3
43
Input/
output
I
2C clock input/output (channels
0 and 1): I
2C clock I/O pins. These
pins have a bus drive function.
The SCL0 output form is NMOS
open-drain.
SDA0
SDA1
8
44
64
36
80
44
Input/
output
I
2C clock input/output (channels
0 and 1): I
2C clock I/O pins. These
pins have a bus drive function.
The SDA0 output form is NMOS
open-drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com