Electronic Components Datasheet Search
  English  ▼

X  

DG3000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG3000
Description  Low-Voltage Single SPDT MICRO FOOT®Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3000 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG3000 Datasheet HTML 1Page - Vishay Siliconix DG3000 Datasheet HTML 2Page - Vishay Siliconix DG3000 Datasheet HTML 3Page - Vishay Siliconix DG3000 Datasheet HTML 4Page - Vishay Siliconix DG3000 Datasheet HTML 5Page - Vishay Siliconix DG3000 Datasheet HTML 6Page - Vishay Siliconix DG3000 Datasheet HTML 7Page - Vishay Siliconix DG3000 Datasheet HTML 8Page - Vishay Siliconix DG3000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 71742
S-70853–Rev. F, 30-Apr-07
Vishay Siliconix
DG3000
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. Refer to IPC/JEDEC (J-STD-020A). No hand/manual solder rework recommended.
c. All bumps soldered to PC Board.
d. Derate 3.1 mW/°C above 70 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Limit
Unit
Referenced V+ to GND
- 0.3 to + 6 V
V
IN, COM, NC, NOa
- 0.3 V to (V+ + 0.3 V)
Continuous Current (Any Terminal)
± 50
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 200
Storage Temperature (D Suffix)
- 65 to 150
°C
Package Reflow Conditionsb
VPR (Eutectic)
215
°C
IR/Convection (Eutectic)
220
IR/Convection (Lead (Pb)-free)
250
Power Dissipation (Packages)c
6-Bump, 3 x 2 MICRO FOOTd
250
mW
SPECIFICATIONS (V+ = 2.0 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 2.0 V, ± 10 %, VIN = 0.4 or 1.6 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Analog Switch
Analog Signal Ranged
VNO, VNC
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 1.8 V, VCOM = 1.0 V, INO, INC = 10 mA
Room
Fulld
17
20
22.5
Ω
rON Flatness
d
rON
Flatness
V+ = 1.8 V, VCOM = 0 to V+, INO, INC = 10 mA
Room
14
Switch Off Leakage Currentf
INO(off)
INC(off)
V+ = 2.2 V
VNO, VNC = 0.5 V/1.5 V, VCOM = 1.5 V/0.5 V
Room
Fulld
- 700
- 11
700
11
pA
nA
ICOM(off)
Room
Fulld
- 700
- 11
700
11
pA
nA
Channel-On Leakage Currentf
ICOM(on)
V+ = 2.2 V, VNO, VNC = VCOM = 0.5 V/1.5 V
Room
Fulld
- 700
- 11
700
11
pA
nA
Digital Control
Input High Voltage
VINH
Full
1.6
V
Input Low Voltage
VINL
Full
0.4
Input Capacitanced
Cin
Full
5
pF
Input Currentd
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 1.5 V, RL = 300 Ω, CL = 35 pF
Figures 1 and 2
Room
Fulld
61
76
79
ns
Turn-Off Time
tOFF
Room
Fulld
17
33
36
Break-Before-Make Time
td
Room
1
45
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω, Figure 3
Room
2
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 61
dB
Crosstalkd
XTALK
Room
- 67
NO, NC Off Capacitanced
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
31
pF
Channel-On Capacitanced
CON
Room
98
Power Supply
Power Supply Range
V+
1.8
2.2
V
Power Supply Currentd
I+
VIN = 0 or V+
0.1
1.0
µA
Power Consumption
PC
2.2
µW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com