Electronic Components Datasheet Search
  English  ▼

X  

6CWQ10FNPDF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 6CWQ10FNPDF
Description  Schottky Rectifier, 2 x 3.5 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CWQ10FNPDF Datasheet(HTML) 2 Page - Vishay Siliconix

  6CWQ10FNPDF Datasheet HTML 1Page - Vishay Siliconix 6CWQ10FNPDF Datasheet HTML 2Page - Vishay Siliconix 6CWQ10FNPDF Datasheet HTML 3Page - Vishay Siliconix 6CWQ10FNPDF Datasheet HTML 4Page - Vishay Siliconix 6CWQ10FNPDF Datasheet HTML 5Page - Vishay Siliconix 6CWQ10FNPDF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94250
2
Revision: 13-Aug-08
6CWQ10FNPbF
Vishay High Power Products
Schottky Rectifier, 2 x 3.5 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
Note
(1)
thermal runaway condition for a diode on its own heatsink
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward
voltage drop per leg
See fig. 1
VFM (1)
3 A
TJ = 25 °C
0.81
V
6 A
0.96
3 A
TJ = 125 °C
0.63
6 A
0.74
Maximum reverse
leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
1
mA
TJ = 125 °C
4.9
Threshold voltage
VF(TO)
TJ = TJ maximum
0.48
V
Forward slope resistance
rt
30.89
m
Ω
Typical junction capacitance per leg
CT
VR = 5 VDC, (test signal range 100 kHz to 1 MHz) 25 °C
92
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
5.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case
per leg
RthJC
DC operation
See fig. 4
4.70
°C/W
per device
2.35
Approximate weight
0.3
g
0.01
oz.
Marking device
Case style D-PAK (similar to TO-252AA)
6CWQ10FN
dP
tot
dT
J
-------------
1
R
thJA
--------------
<



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com