Electronic Components Datasheet Search
  English  ▼

X  

TLC5947DAPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5947DAPR
Description  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5947DAPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC5947DAPR Datasheet HTML 8Page - Texas Instruments TLC5947DAPR Datasheet HTML 9Page - Texas Instruments TLC5947DAPR Datasheet HTML 10Page - Texas Instruments TLC5947DAPR Datasheet HTML 11Page - Texas Instruments TLC5947DAPR Datasheet HTML 12Page - Texas Instruments TLC5947DAPR Datasheet HTML 13Page - Texas Instruments TLC5947DAPR Datasheet HTML 14Page - Texas Instruments TLC5947DAPR Datasheet HTML 15Page - Texas Instruments TLC5947DAPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Time(100ns/div)
CH3-OUT23
(GSData=003h)
C 2-OUT0
(GSData=002h)
H
CH1-OUT0
(GSData=001h)
CH1(2V/div)
CH2(2V/div)
CH3(2V/div)
I
=30mA
T =+25 C
R =150
C =15pF
VLED=5.5V
°
W
OLCMax
A
L
L
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
-20
0
20
35
55
70
AmbientTemperature( C)
°
V
=+3.3V
CC
85
V
=+5V
CC
TLC5947
SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
At VCC = 3.3 V and TA = +25°C, unless otherwise noted.
INTERNAL OSCILLATOR FREQUENCY
CONSTANT CURRENT OUTPUT
vs AMBIENT TEMPERATURE
VOLTAGE WAVEFORM
Figure 16.
Figure 17.
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com