Electronic Components Datasheet Search
  English  ▼

X  

REG710 Datasheet(PDF) 6 Page - Texas Instruments

Part # REG710
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
20mV/div
V
OUT
I
LOAD
10mA/div
Time(10 s/div)
m
BW=20MHz
Temperature( C)
°
100
80
60
40
20
0
-30 -20
0
10
20
30
40
50
60
70
80
90
-40
-10
2V/div
3.5V
4.5V
V
IN
V
OUT
50mV/div
Time(50 s/div)
m
BW=20MHz
BoostMode
BuckMode
REG710-3.3V
R =1
W
L
10
Temperature( C)
°
20
18
16
14
12
10
8
6
4
2
0
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
-40
JunctionTemperature( C)
°
0.2
0.1
0.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-20
0
20
40
60
80
100
120
140
-40
V
Drift(ppm/ C)
OUT
°
25
20
15
10
5
0
REG710
SBAS221F – DECEMBER 2001 – REVISED MARCH 2008............................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, and VENABLE = 1.3V, unless otherwise
noted.
SUPPLY CURRENT vs TEMPERATURE
(No Load)
LOAD TRANSIENT RESPONSE
Figure 7.
Figure 8.
SUPPLY CURRENT vs TEMPERATURE
(Not Enabled)
LINE TRANSIENT RESPONSE
Figure 9.
Figure 10.
OUTPUT VOLTAGE vs TEMPERATURE
OUTPUT VOLTAGE DRIFT HISTOGRAM
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated
Product Folder Link(s): REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com