Electronic Components Datasheet Search
  English  ▼

X  

05H3 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 05H3
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

05H3 Datasheet(HTML) 1 Page - Rectron Semiconductor

  05H3 Datasheet HTML 1Page - Rectron Semiconductor 05H3 Datasheet HTML 2Page - Rectron Semiconductor 05H3 Datasheet HTML 3Page - Rectron Semiconductor 05H3 Datasheet HTML 4Page - Rectron Semiconductor 05H3 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 0.5 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
05H1
THRU
05H6
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
.150 (3.8)
.142 (3.6)
.035 (0.90)
.028 (0.70)
.053 (1.35)
.047 (1.20)
.077 (1.95)
.069 (1.75)
.030 (0.75)
.022 (0.55)
.008 (0.20)
.114 (2.9)
.106 (2.7)
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage
* High current capability
* High speed switching
* High surge capability
* High reliability
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
* Weight: 0.016 gram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA= 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance (Note 4)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
0.5
15
130
30
15
RqJA
RqJL
-55 to + 150
Amps
pF
0
C
0
C/W
UNITS
50
35
50
100
70
100
Volts
Volts
Volts
12
200
140
200
600
420
600
400
280
400
300
210
300
05H1
05H2
05H3
05H4
05H5
05H6
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MH
4. Thermal Resistance : Mounted on PCB.
Z
and applied reverse voltage of 4.0 volts
2006-11
50
at Rated DC Blocking Voltage TA = 25oC
CHARACTERISTICS
Maximum Full Load Reverse Current
Average, Full Cycle .375” (9.5mm) lead length at TL = 55oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
5.0
100
75
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.5A DC
Volts
UNITS
1.0
1.7
1.3
05H1
05H2
05H3
05H4
05H5
05H6
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.


Similar Part No. - 05H3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
05H3L RECTRON-05H3L Datasheet
42Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 0.5 Ampere
More results

Similar Description - 05H3

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Gaomi Xinghe Electronic...
US1AL GXELECTRONICS-US1AL Datasheet
483Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
DHE1A CHENDA-DHE1A Datasheet
547Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A Datasheet
158Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
US3A YIXIN-US3A Datasheet
156Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
SOD1H1 CHENDA-SOD1H1_V01 Datasheet
1Mb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
U1A FS-U1A Datasheet
111Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
SH9 RECTRON-SH9 Datasheet
219Kb / 7P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com