Electronic Components Datasheet Search
  English  ▼

X  

TPD4S009 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S009
Description  4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S009 Datasheet(HTML) 1 Page - Texas Instruments

  TPD4S009 Datasheet HTML 1Page - Texas Instruments TPD4S009 Datasheet HTML 2Page - Texas Instruments TPD4S009 Datasheet HTML 3Page - Texas Instruments TPD4S009 Datasheet HTML 4Page - Texas Instruments TPD4S009 Datasheet HTML 5Page - Texas Instruments TPD4S009 Datasheet HTML 6Page - Texas Instruments TPD4S009 Datasheet HTML 7Page - Texas Instruments TPD4S009 Datasheet HTML 8Page - Texas Instruments TPD4S009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FEATURES
TPD4S009...DBV OR DCK PACKAGE
(TOP VIEW)
D1+
1
6
D1–
GND
2
5
V
CC
D2+
3
4
D2–
TPD4S009...DRY PACKAGE
(TOP VIEW)
1
6
2
5
D1+
GND
D2+
3
4
D1–
V
CC
D2–
TPD4S009...DGS PACKAGE
(TOP VIEW)
V
CC
N.C.
N.C.
N.C.
N.C.
D1+
D1–
GND
D2+
D2–
1
3
2
5
4
10
8
9
6
7
TPD4S010...DQA PACKAGE
(TOP VIEW)
GND
N.C.
N.C.
N.C.
N.C.
D1+
D1–
GND
D2+
D2–
10
8
9
6
7
1
2
3
4
5
DESCRIPTION/ORDERING INFORMATION
TPD4S009
TPD4S010
www.ti.com ....................................................................................................................................................... SLVS817A – MAY 2008 – REVISED OCTOBER 2008
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
2
• Supports High-Speed Differential Data Rates
• IEC 61000-4-2 (Level 4) System-Level ESD
(3-dB Bandwidth > 4 GHz)
Compliance
• 0.05-pF Matching Capacitance Between
• 2.5-A Peak Pulse Current (8/20-µs Pulse)
Differential Signal Pairs
• I
off Feature
• Low 0.8-pF Line Capacitance for Each Data
• Industrial Temperature Range:
Line to GND
–40°C to 85°C
• Flow-Through Single-in-Line Pin Mapping for
• Space-Saving Package Options
High-Speed Lines Ensures No Additional
Board Layout Burden While Placing ESD
Protection Chip Near Connector
TPD4S009/TPD4S010 provide an electrostatic discharge (ESD) solution for high-speed differential lines. This
device offers four ESD clamp circuits for dual differential lines. The monolithic silicon technology allows matching
between the differential signal pairs. The excellent matching between the differential pair signal lines (0.05-pF
line-line) enables this device to operate at high-speed differential data rates (3-dB bandwidth > 4 GHz).
TPD4S009/TPD4S010 are suitable for high-speed differential applications, such as high-definition multimedia
interface (HDMI), low-voltage differential signaling (LVDS), serial advanced technology attachment (SATA),
Ethernet, 1394 (FireWire®), etc.
TPD4S009/TPD4S010 comply with IEC 61000-4-2 (Level 4) ESD. TPD4S009 is offered in space-saving DBV,
DCK, DGS, and DRY packages. TPDS4010 is offered in a DQA package.
TPD4S009/TPD4S010 are characterized for operation over the ambient air temperature range of –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FireWire is a registered trademark of Apple Inc.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD4S009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009DBVR TI-TPD4S009DBVR Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results

Similar Description - TPD4S009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com