Electronic Components Datasheet Search
  English  ▼

X  

TPD8S009 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD8S009
Description  8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD8S009 Datasheet(HTML) 5 Page - Texas Instruments

  TPD8S009 Datasheet HTML 1Page - Texas Instruments TPD8S009 Datasheet HTML 2Page - Texas Instruments TPD8S009 Datasheet HTML 3Page - Texas Instruments TPD8S009 Datasheet HTML 4Page - Texas Instruments TPD8S009 Datasheet HTML 5Page - Texas Instruments TPD8S009 Datasheet HTML 6Page - Texas Instruments TPD8S009 Datasheet HTML 7Page - Texas Instruments TPD8S009 Datasheet HTML 8Page - Texas Instruments TPD8S009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
APPLICATION INFORMATION
Display Port Connector
VERTICALLY
OPPOSED
CONNECTOR
FRONT VIEW
PIN NAME
SIGNAL
TYPE
PIN NO.
MATING
ROW
CONTACT
LOCATION
16
8
12
18
4
14
20
6
10
2
15
7
11
17
3
13
19
8
9
1
GND
GND
Out
In
Out
GND
PWR RIN
PWR Out
Out
Out
GND
I/O
Out
GND
I/O
Out
GND
GND
Out
Out
GND
GND
ML Lane 3(n)
Hot Plug Detect
ML Lane 1(p)
GND
DP PWR
Return DP PWR
ML Lane 1(n)
ML Lane 3(p)
GND
Aux CH (p)
ML Lane 2(p)
GND
Aux CH (n)
ML Lane 0(n)
GND
GND
ML Lane 2(n)
ML Lane 0(p)
Bottom
Bottom
Bottom
Bottom
Bottom
Bottom
Bottom
Bottom
Bottom
Bottom
Top
Top
Top
Top
Top
Top
Top
Top
Top
Top
Core Scalar/
Switch
TPD8S009
TPD4E001
TPD8S009
www.ti.com ....................................................................................................................................................................................................... SLVS816 – JULY 2008
TPD8S009 and TPD4E001 provide complete ESD protection for display or HDMI interface
Figure 7. Typical Application
The TPD8S009 can provide system-level ESD protection to the high-speed differential lines of the HDMI or
display ports. The flow-through package offers flexibility for board routing with traces up to 15-mm wide. Figure 7
shows the board-layout scheme for the four differential pair lines. The special pin configuration of the TPD8S009
matches the HDMI or display port pin assignments. It allows the differential signal pairs to couple together after
they touch the ESD ports (pins 1–3, 4–6, 7–9, and 10–12) of the TPD8S009.
TPD4E001 is recommended for ESD protection of slow-speed control lines.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD8S009



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com