Electronic Components Datasheet Search
  English  ▼

X  

AD9273 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9273
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9273 Datasheet(HTML) 1 Page - Analog Devices

  AD9273 Datasheet HTML 1Page - Analog Devices AD9273 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Octal LNA/VGA/AAF/ADC
and Crosspoint Switch
AD9273
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
8 channels of LNA, VGA, AAF, and ADC
Low noise preamplifier (LNA)
Input-referred noise voltage = 1.2 nV/√Hz
(gain = 21.3 dB) @ 5 MHz typical
SPI-programmable gain = 15.6 dB/17.9 dB/21.3 dB
Single-ended input; VIN maximum = 733 mV p-p/
550 mV p-p/367 mV p-p
Dual-mode active input impedance matching
Bandwidth (BW) > 100 MHz
Full-scale (FS) output = 4.4 V p-p differential
Variable gain amplifier (VGA)
Attenuator range = −42 dB to 0 dB
SPI-programmable PGA gain = 21 dB/24 dB/27 dB/30 dB
Linear-in-dB gain control
Antialiasing filter (AAF)
Programmable 2nd-order low-pass filter (LPF) from
8 MHz to 18 MHz
Programmable high-pass filter (HPF)
Analog-to-digital converter (ADC)
12 bits at 10 MSPS to 50 MSPS
SNR = 70 dB
SFDR = 75 dB
Serial LVDS (ANSI-644, IEEE 1596.3 reduced range link)
Data and frame clock outputs
Includes an 8 × 8 differential crosspoint switch to support
continuous wave (CW) Doppler
Low power, 109 mW per channel at 12 bits/40 MSPS (TGC)
70 mW per channel in CW Doppler
Flexible power-down modes
Overload recovery in <10 ns
Fast recovery from low power standby mode, <2 μs
100-lead TQFP
APPLICATIONS
Medical imaging/ultrasound
Automotive radar
GENERAL DESCRIPTION
The AD9273 is designed for low cost, low power, small size, and
ease of use. It contains eight channels of a low noise preamplifier
(LNA) with a variable gain amplifier (VGA); an antialiasing
filter (AAF); and a 12-bit, 10 MSPS to 50 MSPS analog-to-
digital converter (ADC).
Each channel features a variable gain range of 42 dB, a fully
differential signal path, an active input preamplifier termination, a
maximum gain of up to 52 dB, and an ADC with a conversion
rate of up to 50 MSPS. The channel is optimized for dynamic
performance and low power in applications where a small
package size is critical.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
FCO+
FCO–
DCO+
DCO–
LNA
LO-H
LOSW-H
LI-H
LG-H
12-BIT
ADC
SERIAL
LVDS
DOUTH+
DOUTH–
LNA
LO-G
LOSW-G
LI-G
LG-G
12-BIT
ADC
SERIAL
LVDS
DOUTG+
DOUTG–
LNA
LO-F
LOSW-F
LI-F
LG-F
12-BIT
ADC
SERIAL
LVDS
DOUTF+
DOUTF–
LNA
LO-E
LOSW-E
LI-E
LG-E
12-BIT
ADC
SERIAL
LVDS
DOUTE+
DOUTE–
LNA
LO-D
LOSW-D
LI-D
LG-D
12-BIT
ADC
SERIAL
LVDS
DOUTD+
DOUTD–
LNA
LO-C
LOSW-C
LI-C
LG-C
12-BIT
ADC
SERIAL
LVDS
DOUTC+
DOUTC–
LNA
LO-B
LOSW-B
LI-B
LG-B
12-BIT
ADC
SERIAL
LVDS
DOUTB+
DOUTB–
LNA
LO-A
LOSW-A
LI-A
LG-A
12-BIT
ADC
SERIAL
LVDS
DOUTA+
DOUTA–
SWITCH
ARRAY
AAF
AAF
AAF
AAF
AAF
AAF
AAF
AAF
AD9273
VGA
VGA
VGA
VGA
VGA
VGA
VGA
VGA
Figure 1.
The LNA has a single-ended-to-differential gain that is selectable
through the SPI. The LNA input-referred noise voltage is typically
1.2 nV/√Hz at a gain of 21.3 dB, and the combined input-referred
noise voltage of the entire channel is 1.4 nV/√Hz at maximum
gain. Assuming a 15 MHz noise bandwidth (NBW) and a 21.3 dB
LNA gain, the input SNR is about 91 dB. In CW Doppler mode,
the LNA output drives a transconductance amp that is switched
through an 8 × 8 differential crosspoint switch. The switch is
programmable through the SPI.


Similar Part No. - AD9273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9273 AD-AD9273 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
AD9273-50EBZ AD-AD9273-50EBZ Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
AD9273BBCZ-25 AD-AD9273BBCZ-25 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
AD9273BBCZ-40 AD-AD9273BBCZ-40 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
AD9273BBCZ-50 AD-AD9273BBCZ-50 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
More results

Similar Description - AD9273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9271 AD-AD9271 Datasheet
1Mb / 58P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Revision 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9279 AD-AD9279 Datasheet
971Kb / 44P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
23-Feb-2017
AD9272 AD-AD9272_17 Datasheet
775Kb / 45P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. B to Rev. C
AD9273 AD-AD9273 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
AD9278 AD-AD9278 Datasheet
910Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
02/23/2017
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
23-Feb-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com