Electronic Components Datasheet Search
  English  ▼

X  

AP6015 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP6015 Datasheet HTML 10Page - Diodes Incorporated AP6015 Datasheet HTML 11Page - Diodes Incorporated AP6015 Datasheet HTML 12Page - Diodes Incorporated AP6015 Datasheet HTML 13Page - Diodes Incorporated AP6015 Datasheet HTML 14Page - Diodes Incorporated AP6015 Datasheet HTML 15Page - Diodes Incorporated AP6015 Datasheet HTML 16Page - Diodes Incorporated AP6015 Datasheet HTML 17Page - Diodes Incorporated AP6015 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev.
2
15 of 18
AUGUST 2008
www.diodes.com
© Diodes Incorporated
Application Information
(Continued)
Input Capacitor Selection
Though there is no special requirement for the ESR (Equivalent Series Resistance) of the input capacitor, due
attention should be paid to the tolerance and temperature coefficient of the capacitor used.
A 10uF or larger
capacitance is required between the PVCC and the GND pins.
The input capacitor should be placed as
close as possible to the PVCC pin in order to achieve good overall system performance.
Output Capacitor Selection
Ripple at the voltage output pin is caused by the charge-and-discharge of the output capacitor.
For the best
performance, a low ESR output capacitor should be used.
The equation below demonstrates how the size of
the ripple can be calculated.
)
8
1
(
)
8
1
(
)
(
1
ESR
f
C
I
ESR
f
C
f
L
V
V
V
V
O
L
O
CC
O
O
O
+
×
×
×
Δ
=
+
×
×
×
×
−
×
=
Δ
Where:
△Vo= Output voltage ripple
L = Inductor value
f = Switching frequency (1MHz typical)
△IL = Peak-to-peak inductor ripple current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com