Electronic Components Datasheet Search
  English  ▼

X  

4468 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 4468
Description  1.5 WATT ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

4468 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  4468 Datasheet HTML 1Page - Central Semiconductor Corp 4468 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
1N4460
THRU
1N4496
1.5 WATT ZENER DIODE
6.2 VOLTS TO 200 VOLTS
5% TOLERANCE
R2 (17-May 2007)
ELECTRICAL CHARACTERISTICS: (TA=25°C)
DO-41 CASE - MECHANICAL OUTLINE
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
DC
CURRENT
MAXIMUM
SURGE
CURRENT*
ZENER
VOLTAGE
REGULATION
FACTOR**
∆VZ
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZT @ IZK
IR @ VR
IZM
IS
V
V
V
mA
Ω
Ω
mA
µA
V
mA
A
V
1N4481
44.65
47
49.35
5.5
50
1000
0.25
0.05
37.6
30
0.45
2.1
1N4482
48.45
51
53.55
5.0
60
1100
0.25
0.05
40.8
28
0.42
2.3
1N4483
53.20
56
58.80
4.5
70
1300
0.25
0.05
44.8
26
0.39
2.5
1N4484
58.90
62
65.10
4.0
80
1500
0.25
0.05
49.6
23
0.35
2.7
1N4485
64.60
68
71.40
3.7
100
1700
0.25
0.05
54.4
21
0.32
3.0
1N4486
71.25
75
78.75
3.3
130
2000
0.25
0.05
60.0
19
0.29
3.3
1N4487
77.90
82
86.10
3.0
160
2500
0.25
0.05
65.6
17
0.26
3.6
1N4488
86.45
91
95.55
2.8
200
3000
0.25
0.05
72.8
16
0.23
4.0
1N4489
95.00
100
105.0
2.5
250
3100
0.25
0.05
80.0
14
0.20
4.4
1N4490
104.5
110
115.5
2.3
300
4000
0.25
0.05
88.0
13
0.19
5.0
1N4491
114.0
120
126.0
2.0
400
4500
0.25
0.05
96.0
12
0.18
5.5
1N4492
123.5
130
136.5
1.9
500
5000
0.25
0.05
104
11
0.16
6.0
1N4493
142.5
150
157.5
1.7
700
6000
0.25
0.05
120
9.5
0.14
7.0
1N4494
152.0
160
168.0
1.6
1000
6500
0.25
0.05
128
8.9
0.12
8.0
1N4495
171.0
180
189.0
1.4
1300
7000
0.25
0.05
144
7.9
0.10
10.0
1N4496
190.0
200
210.0
1.2
1500
8000
0.25
0.05
160
7.2
0.08
12.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com