Electronic Components Datasheet Search
  English  ▼

X  

TPS62290DRVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVT
Description  1-A Step Down Converter in 2 x 2 SON Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62290DRVT Datasheet HTML 4Page - Texas Instruments TPS62290DRVT Datasheet HTML 5Page - Texas Instruments TPS62290DRVT Datasheet HTML 6Page - Texas Instruments TPS62290DRVT Datasheet HTML 7Page - Texas Instruments TPS62290DRVT Datasheet HTML 8Page - Texas Instruments TPS62290DRVT Datasheet HTML 9Page - Texas Instruments TPS62290DRVT Datasheet HTML 10Page - Texas Instruments TPS62290DRVT Datasheet HTML 11Page - Texas Instruments TPS62290DRVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
TimeBase-20 ms/Div
V
3.6V,
V
1.8V,
I
300
MODE=GND
IN
OUT
OUT
mA to800mA,
V
100mV/Div
OUT
800mA
I
500mA/Div
OUT
300mA
I
500mA/Div
coil
TimeBase-20 ms/Div
SW2V/Div
V
50mV/Div
OUT
V
3.6V,
V
1.8V,
I
50
MODE=GND
IN
OUT
OUT
mA to250mA,
250mA
50mA
I
200mA/Div
OUT
I
500mA/Div
coil
TimeBase-100
s/Div
m
V
3.6Vto4.2V
500mV/Div
IN
V
=1.8V,
50mV/Div,
I
=50mA,
MODE=GND
OUT
OUT
TimeBase-100
s/Div
m
V
3.6Vto4.2V,
500mV/Div
IN
V
=1.8V,
50mV/Div,
I
=250mA,
MODE=GND
OUT
OUT
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
PFM LOAD TRANSIENT
PFM LINE TRANSIENT
Figure 9.
Figure 10.
PWM LOAD TRANSIENT
PWM LINE TRANSIENT
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62290 TPS62291 TPS62293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com