Electronic Components Datasheet Search
  English  ▼

X  

APW7137 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7137
Description  1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7137 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7137 Datasheet HTML 1Page - Anpec Electronics Coropration APW7137 Datasheet HTML 2Page - Anpec Electronics Coropration APW7137 Datasheet HTML 3Page - Anpec Electronics Coropration APW7137 Datasheet HTML 4Page - Anpec Electronics Coropration APW7137 Datasheet HTML 5Page - Anpec Electronics Coropration APW7137 Datasheet HTML 6Page - Anpec Electronics Coropration APW7137 Datasheet HTML 7Page - Anpec Electronics Coropration APW7137 Datasheet HTML 8Page - Anpec Electronics Coropration APW7137 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2008
APW7137
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN
VIN Pin to GND
-0.3 to 7
V
VLX
LX Pin to GND
-0.3 to 36
V
VEN
EN Pin to GND
-0.3 to VIN
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Note 1: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction to Ambient Thermal Resistance
(Note 2)
SOT-23-5
260
°C/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of package is soldered directly on the PCB.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage
2.5 ~ 6
V
VLX
LX to GND Voltage
-0.3 ~ 32
V
VOUT
Converter Output Voltage
VIN ~ 30
V
CIN
Input Capacitor
2.2 ~
µF
COUT
Output Capacitor
2.2 ~
µF
TA
Ambient Temperature
-40 ~ 85
°C
TJ
Junction Temperature
-40 ~ 125
°C
Note 3: Refer to the application circuit for further information
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APW7137
Handling Code
Temperature Range
Package Code
Package Code
B : SOT-23-5
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
Assembly Material
APW7137 B :
W37X
X - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com