Electronic Components Datasheet Search
  English  ▼

X  

L4979D013TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4979D013TR
Description  LOW DROP VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979D013TR Datasheet(HTML) 5 Page - STMicroelectronics

  L4979D013TR Datasheet HTML 1Page - STMicroelectronics L4979D013TR Datasheet HTML 2Page - STMicroelectronics L4979D013TR Datasheet HTML 3Page - STMicroelectronics L4979D013TR Datasheet HTML 4Page - STMicroelectronics L4979D013TR Datasheet HTML 5Page - STMicroelectronics L4979D013TR Datasheet HTML 6Page - STMicroelectronics L4979D013TR Datasheet HTML 7Page - STMicroelectronics L4979D013TR Datasheet HTML 8Page - STMicroelectronics L4979D013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
L4979MD L4979D
Note:
1. see fig4 (behavior of output current versus regulated voltage Vo)
2. guaranteed by design
3. When Vo becomes lower than 4V, the reset reaction time decreases down to 2
µs assuring a faster reset condition in this particular
case.
2
VOLTAGE REGULATOR
The voltage regulator uses a p-channel MOS transistor as a regulating element. With this structure a low drop-
out voltage at current up to 150mA is achieved. The output voltage is regulated up to transient input supply volt-
age of 40V. No functional interruption due to over-voltage pulses is generated. The high precision of the output
voltage is obtained with a pre-trimmed reference voltage. A short circuit protection to GND is provided.
Figure 4. Behavior of output current versus regulated voltage Vo (see a.m. Note 1)
3
RESET
The reset circuit monitors the output voltage Vo. If the output voltage drops below Vo_th then Res becomes low
with a delay time trr. Real trr value changes as a non-linear function of delta (Vo-th - Vo). The reset low signal is
guaranteed for an output voltage Vo greater than 1V.
When the output voltage becomes higher than Vo_th then Res goes high with a delay trd. This delay is obtained
by 512 periods of an oscillator (see fig. 5). The oscillator period is given by:
Vcw
Icwc
Charge current
Vs = 13.5V, Vcw = 0.1V
4
7.5
14
µA
Vcw
Icwd
Discharge current
Vs = 13.5V, Vcw = 2.5V
1.0
2.4
4.5
µA
Vcw
Twop
Watchdog period
Vs = 13.5V, Ctw = 47nF
25
50
90
ms
Res
twol
Watchdog output low time
Vs = 13.5V, Ctw = 47nF
6
10
22
ms
ENABLE
En
Ven_l
Enable input low voltage
1
V
En
Ven_h
Enable input high voltage
3
V
En
Ven_hy
Enable input hysteresis
700
1000
1100
mV
En
I_leak
Pull down current
En = 5V
2
10
20
µA
Pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vo
Vo_ref
Iout
Ishort Ilim
Vo
Vo_ref
Iout
Ishort Ilim
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com