Electronic Components Datasheet Search
  English  ▼

X  

CY74FCT162652ATPVC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT162652ATPVC
Description  16-Bit Registered Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT162652ATPVC Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT162652ATPVC Datasheet HTML 1Page - Texas Instruments CY74FCT162652ATPVC Datasheet HTML 2Page - Texas Instruments CY74FCT162652ATPVC Datasheet HTML 3Page - Texas Instruments CY74FCT162652ATPVC Datasheet HTML 4Page - Texas Instruments CY74FCT162652ATPVC Datasheet HTML 5Page - Texas Instruments CY74FCT162652ATPVC Datasheet HTML 6Page - Texas Instruments CY74FCT162652ATPVC Datasheet HTML 7Page - Texas Instruments CY74FCT162652ATPVC Datasheet HTML 8Page - Texas Instruments CY74FCT162652ATPVC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CY74FCT16652T
CY74FCT162652T
4
Maximum Ratings[4]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .....................Com’l
−55°C to +125°C
Ambient Temperature with
Power Applied .................................Com’l
−55°C to +125°C
DC Input Voltage
.................................................−0.5V to +7.0V
DC Output Voltage
..............................................−0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin)
...........................−60 to +120 mA
Power Dissipation .......................................................... 1.0W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Note:
4.
Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
BUS B
BUS A
OEAB
L
OEBA
L
CLKAB
X
SAB
X
BUS B
BUS A
OEAB
X
L
L
OEBA
H
X
H
CLKAB
X
SAB
X
X
X
SBA
X
X
X
BUS B
BUS A
OEAB
H
OEBA
L
SAB
L
SBA
X
BUS A
BUS A
OEAB
H
OEBA
L
SAB
H
SBA
H
Real-Time Transfer
Bus B to BusA
Real-Time Transfer
BusA to Bus B
Storage from
A and/or B
Transfer Stored Data
to A and/or B
CLKBA
X
CLKAB
X
CLKBA
X
SBA
L
CLKBA
X
CLKAB
Hor L
CLKBA
Hor L
Operating Range
Range
Ambient
Temperature
VCC
Industrial
−40°C to +85°C
5V
± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com