Electronic Components Datasheet Search
  English  ▼

X  

6F10M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 6F10M
Description  Standard Recovery Diodes (Stud Version), 6 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6F10M Datasheet(HTML) 2 Page - Vishay Siliconix

  6F10M Datasheet HTML 1Page - Vishay Siliconix 6F10M Datasheet HTML 2Page - Vishay Siliconix 6F10M Datasheet HTML 3Page - Vishay Siliconix 6F10M Datasheet HTML 4Page - Vishay Siliconix 6F10M Datasheet HTML 5Page - Vishay Siliconix 6F10M Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93519
2
Revision: 29-Sep-08
6F(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 6 A
Note
(1) Available only for avalanche version, all other parameters the same as 6F
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
6A
160
°C
Maximum RMS forward current
IF(RMS)
9.5
A
Maximum non-repetitive peak reverse power
PR (1)
10 µs square pulse, TJ = TJ maximum
4
K/W
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ =
TJ maximum
159
A
t = 8.3 ms
167
t = 10 ms
100 % VRRM
reapplied
134
t = 8.3 ms
141
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
127
A2s
t = 8.3 ms
116
t = 10 ms
100 % VRRM
reapplied
90
t = 8.3 ms
82
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1270
A2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.63
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.86
Low level value of forward slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
15.7
m
Ω
High level value of forward slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
5.6
Maximum forward voltage drop
VFM
Ipk = 19 A, TJ = 25 °C, tp = 400 µs rectangular wave
1.10
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction
temperature range
TJ
- 65 to 175
°C
Maximum storage
temperature range
TStg
- 65 to 200
Maximum thermal resistance,
junction to case
RthJC
DC operation
2.5
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.5
Mounting torque, ± 10 %
Lubricated threads
(Not lubricated threads)
1.2
(1.5)
N · m
(lbf · in)
Approximate weight
7g
0.25
oz.
Case style
See dimensions - link at the end of datasheet
DO-203AA (DO-4)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com