Electronic Components Datasheet Search
  English  ▼

X  

12F Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 12F
Description  Standard Recovery Diodes (Stud Version), 12 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12F Datasheet(HTML) 5 Page - Vishay Siliconix

  12F Datasheet HTML 1Page - Vishay Siliconix 12F Datasheet HTML 2Page - Vishay Siliconix 12F Datasheet HTML 3Page - Vishay Siliconix 12F Datasheet HTML 4Page - Vishay Siliconix 12F Datasheet HTML 5Page - Vishay Siliconix 12F Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93487
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Sep-08
5
12F(R) Series
Standard Recovery Diodes
(Stud Version), 12 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating: Code = IF(AV)
2
-
F = Standard device
3
-
None = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
5
-
None = Stud base DO-203AA (DO-4) 10-32UNF-2A
M = Stud base DO-203AA (DO-4) M5 x 0.8
(not available for avalanche diodes)
Device code
5
13
24
12
F
R
120
M
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95311



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com