Electronic Components Datasheet Search
  English  ▼

X  

DSCC03029 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DSCC03029
Description  Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DSCC03029 Datasheet(HTML) 2 Page - Vishay Siliconix

  DSCC03029 Datasheet HTML 1Page - Vishay Siliconix DSCC03029 Datasheet HTML 2Page - Vishay Siliconix DSCC03029 Datasheet HTML 3Page - Vishay Siliconix DSCC03029 Datasheet HTML 4Page - Vishay Siliconix DSCC03029 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSCC 03029
Surface Mount Multilayer Ceramic Chip Capacitors
DSCC Qualified Type 03029
Vishay Vitramon
Document Number: 45042
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 09-Jul-08
139
Note:
(1) DC voltage rating should not be exceeded in application
DIMENSIONS
PART ORDERING
NUMBER
LENGTH (L)
WIDTH (W)
MAXIMUM
THICKNESS
(T)
TERMINATION PAD (P)
MINIMUM
MAXIMUM
03029-
0.040 ± 0.004
[1.02 ± 0.10]
0.020 ± 0.004
[0.51 ± 0.10]
0.024
[0.61]
0.004
[0.10]
0.016
[0.41]
L
W
T
MAX.
P
ORDERING INFORMATION
03029-
BX
102
B
J
Z
-
T
DSCC
NUMBER
DIELECTRIC
CAPACITANCE
NOMINAL CODE
DC VOLTAGE
RATING (1)
CAPACITANCE
TOLERANCE
TERMINATION
GROUP C TESTING
OPTION
PACKAGING
CASE
SIZE
0402
BP
BR
BX
Expressed in
picofarads (pF).
The first two digits
are significant, the
third is a multiplier.
An “R” indicates a
decimal point.
Examples:
101 = 100 pF
1R8 = 1.8 pF
Y = 16 V
Z = 25 V
A = 50 V
B = 100 V
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
Note:
C, D < 10 pF (BP)
F, G, H
≥ 10 pF (BP)
J, K
≥ 10 pF
(BP, BR, BX)
M = Palladium
silver
Z = Ni barrier with
tin/lead plate
min. 4 % lead
C = Full Group C
L = 2000 h life test only
M = 1000 h life test only
H = Low voltage humidity
test only
- = Group A test only
T = 7" Reel Plastic tape
O = 7" Reel Paper tape
J = 7" Reel (low quantity)
R = 11 1/4" Reel Plastic tape
I = 11 1/4" Reel Paper tape
B = Bulk



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com