Electronic Components Datasheet Search
  English  ▼

X  

TD340ID Datasheet(PDF) 15 Page - STMicroelectronics

Part # TD340ID
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340ID Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TD340ID Datasheet HTML 11Page - STMicroelectronics TD340ID Datasheet HTML 12Page - STMicroelectronics TD340ID Datasheet HTML 13Page - STMicroelectronics TD340ID Datasheet HTML 14Page - STMicroelectronics TD340ID Datasheet HTML 15Page - STMicroelectronics TD340ID Datasheet HTML 16Page - STMicroelectronics TD340ID Datasheet HTML 17Page - STMicroelectronics TD340ID Datasheet HTML 18Page - STMicroelectronics TD340ID Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
TD340
15/21
PERFORMANCE CURVES
5V Regulator Voltage vs Output Current
Charge Pump Voltage vs Current
High Side MOS Static Vgs vs Vbatt
5V Regulator Voltage vs Vbatt
Charge Pump Voltage vs Vbatt
High Side MOS Static Vgs vs Temperature
0
1020
3040
5060
Iout (mA)
4.5
4.6
4.7
4.8
4.9
5.0
5.1
Cout=220nF
Vbatt=6V
Vbatt=8V
Vbatt=12V
Vbatt=16V
0
20
406080
100
120
Icb (
µA)
5
10
15
20
25
30
35
40
Vbatt=24V
Vbatt=16V
Vbatt=12V
Vbatt=6.5V
Cb=10nF
6
8
10
12
14
16
18
20
22
Vbatt(V)
7
8
9
10
11
12
13
0
5
10
15
20
25
Vbatt (V)
4.5
4.6
4.7
4.8
4.9
5.0
5.1
Iload=20mA
Cout=220nF
5
10152025
Vbatt(V)
5
10
15
20
25
30
35
40
ICb=0
ICb=60uA
Cb=10nF
-50
0
50
100
150
T(
°C)
10
10.5
11
11.5
12
Vbatt=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com