Electronic Components Datasheet Search
  English  ▼

X  

EBC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EBC
Description  Aluminum Capacitors Axial Capacitor Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBC Datasheet(HTML) 1 Page - Vishay Siliconix

  EBC Datasheet HTML 1Page - Vishay Siliconix EBC Datasheet HTML 2Page - Vishay Siliconix EBC Datasheet HTML 3Page - Vishay Siliconix EBC Datasheet HTML 4Page - Vishay Siliconix EBC Datasheet HTML 5Page - Vishay Siliconix EBC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 25142
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 23-Jun-08
1
Aluminum Capacitors
Axial Capacitor Style
EBC
Vishay Roederstein
FEATURES
• Polarized aluminum electrolytic capacitors
• High ripple current capability
• Very long lifetime
• Charge/discharge proof
• Temperature range 105 °C
APPLICATIONS
• Industrial and automotive electronics, audio/video,
telecommunication systems, power supply units
• Coupling, smoothing, filtering, buffering and timing
Component outlines
RoHS
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
UNIT
LOW VOLTAGE
HIGH VOLTAGE
Nominal case size
(Ø D x L)
mm
6.5 x 18
to 10 x 25
6.5 x 18
to 10 x 25
Rated capacitance range CR
µF
4.7 to 470
1.0 to 22
Capacitance tolerance
%
- 10/+ 50
Rated voltage range
V
16 to 100
160 to 350
Category temperature range
°C
- 40 to + 105
Endurance test at upper category temp.
h
2000
Useful life at 105 °C and IR applied
h
3000
3000
Useful life at 85 °C and IR applied
h
11 000
11 000
Useful life at 40 °C and IR applied
h
330 000
330 000
Shelf life (0 V, 105 °C)
h
100
Failure rate
10-9/h
≤ 14
≤ 14
Based on sectional specification
IEC 60384-4, EN130300
Based on detailed specifications
CECC 30301-003, CECC 30301-801
DIN 45910 Part 123, without quality assessment
Climatic category
IEC 60068
DIN 40040
40/105/56
GMF
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES ( Ø D x L in mm)
CR
(µF)
UR (V)
16
25
40
63
100
160
250
350
1.0
→
→→→
→→→
6.5 x 18
2.2
→
→→→
→
6.5 x 18
8 x 18
8 x 18
4.7
→
→→→
→→→
10 x 18
47
6.5 x 18
8 x 18
8 x 18
10 x 18
10 x 25
12 x 30
-
-
100
8 x 18
10 x 18
10 x 18
12 x 25
12 x 30
-
-
-
220
10 x 18
10 x 25
12 x 25
12 x 30
-
-
-
-
470
10 x 25
-
-
-
-
-
-
-


Similar Part No. - EBC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBC VISHAY-EBC Datasheet
91Kb / 6P
Aluminum Capacitors Axial Capacitor Style
22-Jan-13
logo
France Joint
EBC FRANCEJOINT-EBC Datasheet
339Kb / 2P
COVER SEALS
logo
Inventronics Inc.
EBC-042S105DV-0000 INVENTRONICS-EBC-042S105DV-0000 Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
EBC-042S105DV-0004 INVENTRONICS-EBC-042S105DV-0004 Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
EBC-042S105DV-0007 INVENTRONICS-EBC-042S105DV-0007 Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
More results

Similar Description - EBC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
Aluminum Capacitors Axial Non-Polar Capacitor Styles
11-Jun-08
EBC VISHAY-EBC_13 Datasheet
91Kb / 6P
Aluminum Capacitors Axial Capacitor Style
22-Jan-13
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
Aluminum Capacitors Axial Capacitors Style
13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
Aluminum Capacitors Axial Capacitors Style
12-Dec-12
logo
jb Capacitors Company
JAA JBCAPACITORS-JAA Datasheet
210Kb / 2P
Axial Aluminum Electrolytic Capacitor
JAB JBCAPACITORS-JAB Datasheet
200Kb / 2P
Axial Aluminum Electrolytic Capacitor
JAC JBCAPACITORS-JAC Datasheet
203Kb / 1P
Axial Aluminum Electrolytic Capacitor
JAD JBCAPACITORS-JAD Datasheet
200Kb / 1P
Axial Aluminum Electrolytic Capacitor
JAE JBCAPACITORS-JAE Datasheet
201Kb / 1P
Axial Aluminum Electrolytic Capacitor
JAF JBCAPACITORS-JAF Datasheet
203Kb / 1P
Axial Aluminum Electrolytic Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com