Electronic Components Datasheet Search
  English  ▼

X  

STD18NF03L Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD18NF03L
Description  N-channel 30V - 0.038Ω - 17A - DPAK STripFET??II Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD18NF03L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD18NF03L Datasheet HTML 4Page - STMicroelectronics STD18NF03L Datasheet HTML 5Page - STMicroelectronics STD18NF03L Datasheet HTML 6Page - STMicroelectronics STD18NF03L Datasheet HTML 7Page - STMicroelectronics STD18NF03L Datasheet HTML 8Page - STMicroelectronics STD18NF03L Datasheet HTML 9Page - STMicroelectronics STD18NF03L Datasheet HTML 10Page - STMicroelectronics STD18NF03L Datasheet HTML 11Page - STMicroelectronics STD18NF03L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuit
STD18NF03L
8/13
3
Test circuit
Figure 14. Switching times test circuit for
resistive load
Figure 15. Gate charge test circuit
Figure 16. Test circuit for inductive load
switching and diode recovery times
Figure 17. Unclamped Inductive load test
circuit
Figure 18. Unclamped inductive waveform
Figure 19. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com